Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1244882 Datasheet (PDF) - PHOENIX CONTACT

1244882 Datasheet PDF - PHOENIX CONTACT
Part # 1244882
Download  1244882 Download
File Size   577.94 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8ESSA8AA700SX - Device connector front mounting

1244882 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244882 Datasheet PDF - PHOENIX CONTACT

Part # 1244882
Download  1244882 Click to download

File Size   577.94 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8ESSA8AA700SX - Device connector front mounting

1244882 Datasheet (HTML) - PHOENIX CONTACT


1244882 Product details

M40, Device connector front mounting, series: SB, angled rotatable, shielded: yes, for standard
and SPEEDCON interlock, Direction of rotation: Standard, contact connection type: Socket,
Crimp connection, Axial O-ring, 4x Ø4,2, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)

Your advantages
• Easy connection, thanks to infinitely adjustable cable outlet direction up to 310°
• All housing can be fitted with pin or socket contacts
• A total of eight contacts are available for signal transmission
• Mechanical coding reliably prevents incorrect connections
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1244882

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244880 PHOENIX-1244880 Datasheet
512Kb / 13P
SB-8EPSA8A9L34SX - Coupler connector
1244881 PHOENIX-1244881 Datasheet
430Kb / 10P
SB-8ESCA8AA700SX - Device connector front mounting
1244883 PHOENIX-1244883 Datasheet
498Kb / 15P
SB-8EPCA8AA700SX - Device connector front mounting
1244884 PHOENIX-1244884 Datasheet
540Kb / 14P
SB-8EPSA8AA700SX - Device connector front mounting
1244885 PHOENIX-1244885 Datasheet
677Kb / 17P
SB-8ESCA8AWT00SX - Device connector front mounting
More results


Similar Description - 1244882

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621567 PHOENIX-1621567 Datasheet
387Kb / 9P
Device connector, front mounting - SH-8ESC58AWA00S
02/04/2022
1623368 PHOENIX-1623368 Datasheet
492Kb / 9P
Device connector, front mounting - SB-8EPCA8AA700S
02/04/2022
1623725 PHOENIX-1623725 Datasheet
457Kb / 9P
Device connector, front mounting - SB-8ESCD8AWT00S
02/04/2022
1623728 PHOENIX-1623728 Datasheet
452Kb / 9P
Device connector, front mounting - SB-8EPCD8AWT00S
02/04/2022
1623729 PHOENIX-1623729 Datasheet
417Kb / 8P
Device connector, front mounting - SB-8EPSD8AWT00S
02/04/2022
1623371 PHOENIX-1623371 Datasheet
766Kb / 19P
SB-8ESCA8AWT00S - Device connector front mounting
1623372 PHOENIX-1623372 Datasheet
767Kb / 18P
SB-8ESSA8AWT00S - Device connector front mounting
1623375 PHOENIX-1623375 Datasheet
731Kb / 18P
SB-8EPSA8AWT00S - Device connector front mounting
1623720 PHOENIX-1623720 Datasheet
682Kb / 19P
SB-8ESSD8AA700S - Device connector front mounting
1623374 PHOENIX-1623374 Datasheet
730Kb / 19P
SB-8EPCA8AWT00S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com