Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1830760 Datasheet (PDF) - PHOENIX CONTACT

1830760 Datasheet PDF - PHOENIX CONTACT
Part # 1830760
Download  1830760 Download
File Size   431.96 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IMCV 1,5/ 7-G-3,5 P20 THR - PCB header

1830760 Datasheet (PDF)

Go To PDF Page Download Datasheet
1830760 Datasheet PDF - PHOENIX CONTACT

Part # 1830760
Download  1830760 Click to download

File Size   431.96 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IMCV 1,5/ 7-G-3,5 P20 THR - PCB header

1830760 Datasheet (HTML) - PHOENIX CONTACT


1830760 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: IMCV 1,5/..-
G-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 1.9
mm, number of solder pins per potential: 2, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections




Similar Part No. - 1830760

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830761 PHOENIX-1830761 Datasheet
43Kb / 2P
Printed-circuit board connector - DFK-PC 4/ 3-G-7,62-LOE
logo
Belden Inc.
183076F BELDEN-183076F Datasheet
102Kb / 3P
Multi-Conductor - Cont. Armor DataBus짰 ISA/SP-50 FOUNDATION Fieldbus/Profibus
More results


Similar Description - 1830760

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830715 PHOENIX-1830715 Datasheet
138Kb / 5P
Feed-through header - IMCV 1,5/ 2-G-3,5 P20 THR
1830757 PHOENIX-1830757 Datasheet
138Kb / 5P
Feed-through header - IMCV 1,5/ 6-G-3,5 P20 THR
1830773 PHOENIX-1830773 Datasheet
138Kb / 5P
Feed-through header - IMCV 1,5/ 8-G-3,5 P20 THR
1830799 PHOENIX-1830799 Datasheet
138Kb / 5P
Feed-through header - IMCV 1,5/10-G-3,5 P20 THR
1830964 PHOENIX-1830964 Datasheet
151Kb / 6P
Feed-through header - IMCV 1,5/12-G-3,5 RN P20 THR
1830809 PHOENIX-1830809 Datasheet
108Kb / 4P
Base strip - IMCV 1,5/11-G-3,5 P20 THR
1830728 PHOENIX-1830728 Datasheet
108Kb / 4P
Base strip - IMCV 1,5/ 3-G-3,5 P20 THR
1830744 PHOENIX-1830744 Datasheet
108Kb / 4P
Base strip - IMCV 1,5/ 5-G-3,5 P20 THR
1830786 PHOENIX-1830786 Datasheet
108Kb / 4P
Base strip - IMCV 1,5/ 9-G-3,5 P20 THR
1830919 PHOENIX-1830919 Datasheet
109Kb / 4P
Base strip - IMCV 1,5/ 7-G-3,5 RN P20 THR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com