Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1898952 Datasheet (PDF) - PHOENIX CONTACT

1898952 Datasheet PDF - PHOENIX CONTACT
Part # 1898952
Download  1898952 Download
File Size   610.2 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTBA 2,5/14-G-5,08 - Feed-through header

1898952 Datasheet (PDF)

Go To PDF Page Download Datasheet
1898952 Datasheet PDF - PHOENIX CONTACT

Part # 1898952
Download  1898952 Click to download

File Size   610.2 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTBA 2,5/14-G-5,08 - Feed-through header

1898952 Datasheet (HTML) - PHOENIX CONTACT


1898952 Product details

Feed-through header, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 14,
number of rows: 1, number of positions: 14, number of connections: 14, product range: DFKMSTBA
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.23 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Cable connection on the inside of the device enables flexible positioning of the panel feed-through
• Free choice – permanent solder connection or standardized slip-on connection
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1898952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1898907 PHOENIX-1898907 Datasheet
745Kb / 22P
DFK-MSTBA 2,5/ 9-G-5,08 - Feed-through header
1898910 PHOENIX-1898910 Datasheet
144Kb / 6P
DFK-MSTBA 2,5/10-G-5,08
1898923 PHOENIX-1898923 Datasheet
672Kb / 20P
DFK-MSTBA 2,5/11-G-5,08 - Feed-through header
1898936 PHOENIX-1898936 Datasheet
142Kb / 5P
DFK-MSTBA 2,5/12-G-5,08
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
More results


Similar Description - 1898952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1923898 PHOENIX-1923898 Datasheet
138Kb / 7P
Feed-through header - MSTBA 2,5 HC/ 5-G-5,08
1758681 PHOENIX-1758681 Datasheet
281Kb / 13P
Feed-through header - MSTBA 2,5/10-G-5,08 BK
1746907 PHOENIX-1746907 Datasheet
99Kb / 6P
Feed-through header - MSTBA 2,5/15-G-5,08 BK
09/12/2020
1748248 PHOENIX-1748248 Datasheet
92Kb / 3P
Feed-through header - MSTBA 2,5/ 6-G-5,08 AU
11/04/2018
1923937 PHOENIX-1923937 Datasheet
164Kb / 10P
Feed-through header - MSTBA 2,5 HC/ 9-G-5,08
09/12/2020
1923940 PHOENIX-1923940 Datasheet
164Kb / 10P
Feed-through header - MSTBA 2,5 HC/10-G-5,08
09/12/2020
1926044 PHOENIX-1926044 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/ 5-G-5,08-RN
09/12/2020
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
1899045 PHOENIX-1899045 Datasheet
569Kb / 17P
Feed-through header - DFK-MSTBA 2,5/ 8-GF-5,08
Jan 10, 2023
1898965 PHOENIX-1898965 Datasheet
607Kb / 20P
DFK-MSTBA 2,5/15-G-5,08 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com