Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1939701 Datasheet (PDF) - PHOENIX CONTACT

1939701 Datasheet PDF - PHOENIX CONTACT
Part # 1939701
Download  1939701 Download
File Size   571.35 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GFKC 2,5/ 9-ST-7,62 - PCB connector

1939701 Datasheet (PDF)

Go To PDF Page Download Datasheet
1939701 Datasheet PDF - PHOENIX CONTACT

Part # 1939701
Download  1939701 Click to download

File Size   571.35 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GFKC 2,5/ 9-ST-7,62 - PCB connector

1939701 Datasheet (HTML) - PHOENIX CONTACT


1939701 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: GFKC
2,5/..-ST, pitch: 7.62 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1939701

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193970 FESTO-193970 Datasheet
88Kb / 1P
One-way flow control valve
logo
HARTING Technology Grou...
19397060445 HARTING-19397060445 Datasheet
624Kb / 2P
Han 6HP Direct/M-HTE-M20 Hood
19397060446 HARTING-19397060446 Datasheet
624Kb / 2P
Han 6HP Direct/M-HTE-M25 Hood
19397060447 HARTING-19397060447 Datasheet
624Kb / 2P
Han 6HP Direct/M-HTE-M32 Hood
19397060448 HARTING-19397060448 Datasheet
624Kb / 2P
Han 6HP Direct/M-HTE-M40 Hood
More results


Similar Description - 1939701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1939413 PHOENIX-1939413 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 2-ST-7,5
Jan 10, 2023
1939426 PHOENIX-1939426 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,5
Jan 5, 2023
1939455 PHOENIX-1939455 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 6-ST-7,5
Jan 5, 2023
1939633 PHOENIX-1939633 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 2-ST-7,62
Jan 3, 2023
1939646 PHOENIX-1939646 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,62
Jan 5, 2023
1939659 PHOENIX-1939659 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 4-ST-7,62
Jan 4, 2023
1939691 PHOENIX-1939691 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 8-ST-7,62
Jan 5, 2023
1939743 PHOENIX-1939743 Datasheet
549Kb / 12P
PCB connector - GFKC 2,5/ 2-STF-7,62
Jan 4, 2023
1939730 PHOENIX-1939730 Datasheet
567Kb / 14P
GFKC 2,5/12-ST-7,62 - PCB connector
1939442 PHOENIX-1939442 Datasheet
631Kb / 16P
GFKC 2,5/ 5-ST-7,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com