Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1330ECP-17 Datasheet (PDF) - EMP-Centauri s.r.o.

MS1330ECP-17 Datasheet PDF - EMP-Centauri s.r.o.
Part # MS1330ECP-17
Download  MS1330ECP-17 Download
File Size   247.29 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Multiswitch 13in / 30out

MS1330ECP-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1330ECP-17 Datasheet PDF - EMP-Centauri s.r.o.

Part # MS1330ECP-17
Download  MS1330ECP-17 Click to download

File Size   247.29 Kbytes
Page   1 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description Multiswitch 13in / 30out

MS1330ECP-17 Datasheet (HTML) - EMP-Centauri s.r.o.


MS1330ECP-17 Product details

Brief description
13in/30out standalone multiswitch for distribution of 12 SAT IF
signals including passive terrestrial for up to 30 users.
The multiswitch is DC supplied from connected satellite
receivers, DC2.1 socket for external power is connected to all
satellite inputs.
Power supply PA12 2A is included in the package.




Similar Part No. - MS1330ECP-17

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS1330ECU-17 EMP-CENTAURI-MS1330ECU-17 Datasheet
228Kb / 1P
Multiswitch 13in / 30out
More results


Similar Description - MS1330ECP-17

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
USB MultiSwitch Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com