Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1220825 Datasheet (PDF) - PHOENIX CONTACT

1220825 Datasheet PDF - PHOENIX CONTACT
Part # 1220825
Download  1220825 Download
File Size   179.5 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-PRO/OE-200/F-1000/11 - Fuse plug

1220825 Datasheet (PDF)

Go To PDF Page Download Datasheet
1220825 Datasheet PDF - PHOENIX CONTACT

Part # 1220825
Download  1220825 Click to download

File Size   179.5 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-PRO/OE-200/F-1000/11 - Fuse plug

1220825 Datasheet (HTML) - PHOENIX CONTACT


1220825 Product details

Fuse plug, Range of articles: Sunclix, color: black, min. conductor cross section: 6 mm2, max.
conductor cross section: 6 mm2, rated voltage: 1000 V DC (bis 4000m ü. NN), rated current: 11
A, Connection method: open cable end, min. cable diameter: 5.8 mm, max. cable diameter: 6.4
mm. SUNCLIX fuse element for protecting panels and devices in photovoltaic systems




Similar Part No. - 1220825

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1220820 PHOENIX-1220820 Datasheet
176Kb / 4P
PV-PRO/OE-200/F-1500/7 - Fuse plug
1220821 PHOENIX-1220821 Datasheet
176Kb / 4P
PV-PRO/OE-200/F-1500/5 - Fuse plug
1220822 PHOENIX-1220822 Datasheet
176Kb / 4P
PV-PRO/OE-200/F-1500/3.7 - Fuse plug
1220823 PHOENIX-1220823 Datasheet
179Kb / 5P
PV-PRO/OE-200/F-1000/25 - Fuse plug
1220824 PHOENIX-1220824 Datasheet
179Kb / 5P
PV-PRO/OE-200/F-1000/23 - Fuse plug
More results


Similar Description - 1220825

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622154 PHOENIX-1622154 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/10-EU
1622155 PHOENIX-1622155 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/12-EU
1622156 PHOENIX-1622156 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/15-EU
1622157 PHOENIX-1622157 Datasheet
70Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/20-EU
1622158 PHOENIX-1622158 Datasheet
71Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/25-EU
1622159 PHOENIX-1622159 Datasheet
71Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/30-EU
1623411 PHOENIX-1623411 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1500/20-EU-SPR
1220811 PHOENIX-1220811 Datasheet
178Kb / 5P
PV-PRO/M/F-200/F-1500/9 - Fuse plug
1220821 PHOENIX-1220821 Datasheet
176Kb / 4P
PV-PRO/OE-200/F-1500/5 - Fuse plug
1220873 PHOENIX-1220873 Datasheet
178Kb / 5P
PV-PRO/M/F-200/F-1000/14 - Fuse plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com