Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR103V3UA-HF Datasheet (PDF) - Comchip Technology

CPDVR103V3UA-HF Datasheet PDF - Comchip Technology
Part # CPDVR103V3UA-HF
Download  CPDVR103V3UA-HF Download
File Size   611.58 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Array

CPDVR103V3UA-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDVR103V3UA-HF Datasheet PDF - Comchip Technology

Part # CPDVR103V3UA-HF
Download  CPDVR103V3UA-HF Click to download

File Size   611.58 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Array

CPDVR103V3UA-HF Datasheet (HTML) - Comchip Technology


CPDVR103V3UA-HF Product details

Features
- Transient protection for high-speed data lines
IEC 61000-4-2(ESD) ±20KV(Contact); ±25KV(Air).
IEC 61000-4-4(EFT) 40A(5/50ns).
Cable discharge event (CDE).
- Package optimized for high-speed lines.
- Ultra-small package (2.5mm x 1.0mm x 0.55mm).
- Protects four data lines.
- Low capacitance: 0.2pF (I/O to I/O).
- Low leakage current.
- Each I/O pin can withstand over 1000 ESD
strikes for ±8KV contact discharge.
- Low clamping voltage.




Similar Part No. - CPDVR103V3UA-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR103V3U-HF COMCHIP-CPDVR103V3U-HF Datasheet
642Kb / 5P
SMD ESD Protection Diode
REV:C
More results


Similar Description - CPDVR103V3UA-HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
ESD protection array
2003 Apr 28
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
Integrated ESD Protection array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
ESD Protection Array
logo
Formosa MS
LL054BT36 FORMOSA-LL054BT36 Datasheet
155Kb / 7P
SMD Ultra Low Capacitance ESD Protection Array
LL054BT2510 FORMOSA-LL054BT2510 Datasheet
153Kb / 7P
SMD Ultra Low Capacitance ESD Protection Array
U054BT2510 FORMOSA-U054BT2510 Datasheet
214Kb / 7P
SMD Ultra Low Capacitance ESD Protection Array
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com