Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1034440 Datasheet (PDF) - PHOENIX CONTACT

1034440 Datasheet PDF - PHOENIX CONTACT
Part # 1034440
Download  1034440 Download
File Size   386.47 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-CM-C-2,5-130-RD-FE10 - Device connector front mounting

1034440 Datasheet (PDF)

Go To PDF Page Download Datasheet
1034440 Datasheet PDF - PHOENIX CONTACT

Part # 1034440
Download  1034440 Click to download

File Size   386.47 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-CM-C-2,5-130-RD-FE10 - Device connector front mounting

1034440 Datasheet (HTML) - PHOENIX CONTACT


1034440 Product details

Device connector front mounting, Range of articles: Sunclix, housing material: PPE, color: black,
number of positions: 1, min. conductor cross section: 2.5 mm2, rated voltage: 1000 V DC, rated
current: 27 A, Connection method: Crimp, Contact connection type: Pin, cable length: 115




Similar Part No. - 1034440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1034442 PHOENIX-1034442 Datasheet
366Kb / 10P
PV-FT-CF-C-2,5-130-BU-FE10 - Device connector front mounting
More results


Similar Description - 1034440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1795336 PHOENIX-1795336 Datasheet
60Kb / 2P
Connector - PV-CM-P 2,5(-)
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-130-BU
1592490 PHOENIX-1592490 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
1592499 PHOENIX-1592499 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com