Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOD1 Datasheet (PDF) - EMP-Centauri s.r.o.

MOD1 Datasheet PDF - EMP-Centauri s.r.o.
Part # MOD1
Download  MOD1 Download
File Size   211.26 Kbytes
Page   3 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description HDMI / DVB-T modulator 1in / 1out

MOD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOD1 Datasheet PDF - EMP-Centauri s.r.o.

Part # MOD1
Download  MOD1 Click to download

File Size   211.26 Kbytes
Page   3 Pages
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.
Description HDMI / DVB-T modulator 1in / 1out

MOD1 Datasheet (HTML) - EMP-Centauri s.r.o.


MOD1 Product details

Brief description
MOD1/1CEWD is a single-channel modulator,
which sends HDMI audio video signal from
any sources (satellite receivers, cameras,
video players, etc.) to a DVB-T multiplex for
viewing on a digital TV. The modulator can
distribute HD content in the coaxial cable
networks or used in antenna systems.
MOD1/1CEWD has two unique features: a Wi-
Fi connection and an embedded web server.
This means that now it is possible to change
the device settings and control the
modulator from anywhere via an Internet
browser.
Main features:
• Low latency HD encoder with perfect
picture and sound quality.
• Wi-Fi connection to control the device
remotely.
• Adjustable output gain from -15 to +6 dB.
• DC pass antenna loop through input with
amplifier for weak input signals.
• Colorful status led for quick visual
monitoring.
• Easy to configure with user-friendly “Quick
setup” feature.
• Fully aluminum housing with DIN rack or
wall mount.
• Wide input voltage range (8 – 24 VDC)




Similar Part No. - MOD1

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
MOD12-2400-BLK MOBILEMARK-MOD12-2400-BLK Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
MOD12-2400-WHT MOBILEMARK-MOD12-2400-WHT Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
More results


Similar Description - MOD1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
NXP Semiconductors
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
List of Unclassifed Man...
PS20355 ETC2-PS20355 Datasheet
2Mb / 25P
Nordig Unified DVB-T COFDM
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
ISDB-T and DVB-T/C Demodulator
logo
THOR communications
H-XX-QMOD-YY THOR-H-XX-QMOD-YY Datasheet
3Mb / 1P
HDMI to COAX Modulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
ISDB-T and DVB-T/C Demodulator
November 28, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com