Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS530M12BM3 Datasheet (PDF) - Inchange Semiconductor Company Limited

CAS530M12BM3 Datasheet PDF - Inchange Semiconductor Company Limited
Part # CAS530M12BM3
Download  CAS530M12BM3 Download
File Size   444.17 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Half Bridge SiC MOSFET Module

CAS530M12BM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS530M12BM3 Datasheet PDF - Inchange Semiconductor Company Limited

Part # CAS530M12BM3
Download  CAS530M12BM3 Click to download

File Size   444.17 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Half Bridge SiC MOSFET Module

CAS530M12BM3 Datasheet (HTML) - Inchange Semiconductor Company Limited


CAS530M12BM3 Product details

FEATURES
· 175°C maximum junction temperature
· Zero Reverse Recovery from Diodes
· 62mm half bridge module
APPLICATIONS
· Motor Drives
· Vehicle Fast Chargers
· Renewable energy
· UPS




Similar Part No. - CAS530M12BM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
More results


Similar Description - CAS530M12BM3

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4804 MSK-MSK4804_15 Datasheet
840Kb / 7P
SiC HALF BRIDGE
logo
Cree, Inc
CAS120M12BM2 CREE-CAS120M12BM2 Datasheet
1Mb / 9P
Half-Bridge Module
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
Half-Bridge Module
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
logo
ON Semiconductor
NXH006P120MNF2PTG ONSEMI-NXH006P120MNF2PTG Datasheet
2Mb / 10P
F2-Half Bridge SiC MOSFET Module
August 2021 ??Rev. 0
logo
Microchip Technology
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170HM45CT3AG MICROCHIP-MSCSM170HM45CT3AG Datasheet
850Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170TAM45CT3AG MICROCHIP-MSCSM170TAM45CT3AG Datasheet
852Kb / 17P
Triple Phase Bridge SiC MOSFET Power Module
2021
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
Half Bridge Module
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com