Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1374036 Datasheet (PDF) - PHOENIX CONTACT

1374036 Datasheet PDF - PHOENIX CONTACT
Part # 1374036
Download  1374036 Download
File Size   344.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 80-FV 6,25 - SMD female connectors

1374036 Datasheet (PDF)

Go To PDF Page Download Datasheet
1374036 Datasheet PDF - PHOENIX CONTACT

Part # 1374036
Download  1374036 Click to download

File Size   344.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 80-FV 6,25 - SMD female connectors

1374036 Datasheet (HTML) - PHOENIX CONTACT


1374036 Product details

SMD female connector, nominal current: 2.2 A, Test voltage: 840 V AC, number of positions: 80,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Socket, mounting:
SMD soldering

Your advantages
• The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
• Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
• Time savings during the development process with customer-specific simulations for data integrity.
• Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
• Design-in support during device development using MCAD/ECAD data and a free sample service.




Similar Part No. - 1374036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1374030 PHOENIX-1374030 Datasheet
358Kb / 9P
FR 1,27/ 26-FV 6,25 - SMD female connectors
1374031 PHOENIX-1374031 Datasheet
363Kb / 9P
FR 1,27/ 32-FV 6,25 - SMD female connectors
1374032 PHOENIX-1374032 Datasheet
352Kb / 9P
FR 1,27/ 40-FV 6,25 - SMD female connectors
1374033 PHOENIX-1374033 Datasheet
349Kb / 9P
FR 1,27/ 50-FV 6,25 - SMD female connectors
1374034 PHOENIX-1374034 Datasheet
346Kb / 9P
FR 1,27/ 68-FV 6,25 - SMD female connectors
More results


Similar Description - 1374036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714891 PHOENIX-1714891 Datasheet
110Kb / 7P
SMD female connectors - FP 1,27/ 12-FV 6,25
1714893 PHOENIX-1714893 Datasheet
97Kb / 6P
SMD female connectors - FP 1,27/ 20-FV 6,25
1714898 PHOENIX-1714898 Datasheet
97Kb / 6P
SMD female connectors - FP 1,27/ 50-FV 6,25
1714901 PHOENIX-1714901 Datasheet
98Kb / 6P
SMD female connectors - FP 1,27/ 80-FV 6,25
1374031 PHOENIX-1374031 Datasheet
363Kb / 9P
FR 1,27/ 32-FV 6,25 - SMD female connectors
1374026 PHOENIX-1374026 Datasheet
374Kb / 9P
FR 1,27/ 6-FV 6,25 - SMD female connectors
1374027 PHOENIX-1374027 Datasheet
369Kb / 9P
FR 1,27/ 12-FV 6,25 - SMD female connectors
1374028 PHOENIX-1374028 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 6,25 - SMD female connectors
1374037 PHOENIX-1374037 Datasheet
348Kb / 9P
FR 1,27/100-FV 6,25 - SMD female connectors
1374029 PHOENIX-1374029 Datasheet
372Kb / 9P
FR 1,27/ 20-FV 6,25 - SMD female connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com