Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9000 Datasheet (PDF) - Intersil Corporation

ISL9000 Datasheet PDF - Intersil Corporation
Part # ISL9000
Download  ISL9000 Download
File Size   231.53 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual LDO with Low Noise, Very High PSRR, and Low IQ

ISL9000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9000 Datasheet PDF - Intersil Corporation

Part # ISL9000
Download  ISL9000 Click to download

File Size   231.53 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual LDO with Low Noise, Very High PSRR, and Low IQ

ISL9000 Datasheet (HTML) - Intersil Corporation


ISL9000 Product details

Dual LDO with Low Noise, Very High PSRR, and Low IQ

ISL9000 is a high performance dual LDO capable of sourcing 300mA current from each output. It has a low standby current and very high PSRR and is stable with output capacitance of 1μF to 10μF with ESR of up to 200mΩ.
The device integrates an individual Power-On-Reset (POR) function for each output. The POR delay for VO2 can be externally programmed by connecting a timing capacitor to the CPOR pin. The POR delay for VO1 is internally fixed at approximately 2ms. A reference bypass pin is also provided for connecting a noise filtering capacitor for low noise and high-PSRR applications.

Features
• Integrates two 300mA high performance LDO’s
• Excellent transient response to large current steps
• ±1.8% accuracy over all operating conditions
• Excellent load regulation: < 0.1% voltage change across full range of load current
• Low output noise: typically 30μVrms @ 100μA (1.5V)
• Very high PSRR: 90dB @ 1kHz
• Extremely low quiescent current: 42μA (both LDOs active)
• Wide input voltage capability: 2.3V to 6.5V
• Low dropout voltage: typically 200mV @ 300mA
• Stable with 1μF-10μF ceramic capacitors
• Separate enable and POR pins for each LDO
• Soft-start and staged turn-on to limit input current surge during enable
• Current limit and overheat protection
• Tiny 10 Ld 3x3mm DFN package
• -40°C to +85°C operating temperature range
• Pb-free plus anneal available (RoHS compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds




Similar Part No. - ISL9000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000A INTERSIL-ISL9000A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
335Kb / 13P
Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
More results


Similar Description - ISL9000

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
Dual LDO with Low Noise, Very High PSRR and Low IQ
December 12, 2007
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
logo
Renesas Technology Corp
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com