Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-CONV-2AT-60 Datasheet (PDF) - Tycon Systems, Inc.

POE-CONV-2AT-60 Datasheet PDF - Tycon Systems, Inc.
Part # POE-CONV-2AT-60
Download  POE-CONV-2AT-60 Download
File Size   441.78 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Gigabit PoE Converter

POE-CONV-2AT-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
POE-CONV-2AT-60 Datasheet PDF - Tycon Systems, Inc.

Part # POE-CONV-2AT-60
Download  POE-CONV-2AT-60 Click to download

File Size   441.78 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Gigabit PoE Converter

POE-CONV-2AT-60 Datasheet (HTML) - Tycon Systems, Inc.


POE-CONV-2AT-60 Product details

Features (Depending on Model)
• Very Compact Size
• Converts two 802.3af 16W ports to one 802.3at 30W port
• Convert two 802.3at 35W ports to one 4 Pair PoE 60W port
• Allows use of standard PoE switches to power higher power devices

Description
The POE-CONV-2AF-AT are unique Gigabit PoE converters which allow a customer to use existing PoE switches to provide PoE+ functionality. They work by turning two 802.3af ports into one 802.3at port.
The POE-CONV-2AT-60 provide Gigabit PoE conversion, accepting two 802.3at inputs and providing a single 4 Pair 60W Passive PoE output which is compatible with High PoE devices like Ubiquiti airFiber™
There are two RJ45 socket for input and one RJ45 socket for the output. One input accepts Data and Power, the second input accepts only Power. The design is isolated so input and output are isolated. The devices include protections for short circuit and overload.
Note: If the inputs come from the same PoE switch then the output power is full power. If the inputs come from different PoE sources, then the output power may be ½.




Similar Part No. - POE-CONV-2AT-60

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-CONV-4824G TYCONSYSTEMS-POE-CONV-4824G Datasheet
202Kb / 1P
802.3af/at/bt to 24V Passive PoE Converter
More results


Similar Description - POE-CONV-2AT-60

ManufacturerPart #DatasheetDescription
logo
Level One
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
Gigabit PoE-Plus Repeater
logo
Pulse A Technitrol Comp...
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
PULSEJACK Single-Port Gigabit PoE
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POR-0120 LVL1-POR-0120 Datasheet
714Kb / 2P
Gigabit PoE Repeater
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Pulse A Technitrol Comp...
J428 PULSE-J428 Datasheet
258Kb / 5P
Single-Port Gigabit PoE
J429 PULSE-J429 Datasheet
1Mb / 6P
2xN Gigabit PoE
J427 PULSE-J427 Datasheet
1Mb / 5P
2xN Gigabit PoE Plus
logo
ORing Industrial Networ...
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
Industrial Gigabit PoE Ethernet to fiber media converter
logo
Advantech Co., Ltd.
EKI-2741FHPI ADVANTECH-EKI-2741FHPI Datasheet
290Kb / 2P
Industrial Grade IP31 Gigabit High Power 60W PoE Media Converter
22-Dec-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com