Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-DCDC-1256GX-VHP Datasheet (PDF) - Tycon Systems, Inc.

TP-DCDC-1256GX-VHP Datasheet PDF - Tycon Systems, Inc.
Part # TP-DCDC-1256GX-VHP
Download  TP-DCDC-1256GX-VHP Download
File Size   326.09 Kbytes
Page   3 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Very High Power DC to DC Converter

TP-DCDC-1256GX-VHP Datasheet (PDF)

Go To PDF Page Download Datasheet
TP-DCDC-1256GX-VHP Datasheet PDF - Tycon Systems, Inc.

Part # TP-DCDC-1256GX-VHP
Download  TP-DCDC-1256GX-VHP Click to download

File Size   326.09 Kbytes
Page   3 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Very High Power DC to DC Converter

TP-DCDC-1256GX-VHP Datasheet (HTML) - Tycon Systems, Inc.


TP-DCDC-1256GX-VHP Product details

Features
• Input Voltage 10VDC to 60VDC
• 8 wire (4 Pair) 56VDC High PoE Output
• High Power Output to 70W
• Dual DC Inputs for Connecting 2 Power
Sources
• 5 Gigabit Data Throughput
• Low Voltage Disconnect Feature
• Short Circuit, Over Current and
Reverse/Over Voltage Protection
• Industrial Temperature Range to 70C

Applications
• 12VDC / 24VDC Remote Power Systems
• 48VDC or -48VDC Remote Power Systems
• Ubiquiti airFiber™ Antennas
• Axis Q6032-E, Q6034-E and Q6035-E PTZ Security Cameras
• High PoE 4 Pair Powered Cameras and Radio’s




Similar Part No. - TP-DCDC-1256GX-VHP

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-DCDC-1256GD-BT TYCONSYSTEMS-TP-DCDC-1256GD-BT Datasheet
318Kb / 3P
Very High Power DC to DC Converter
TP-DCDC-1256GD-BT TYCONSYSTEMS-TP-DCDC-1256GD-BT Datasheet
289Kb / 2P
802.3bt PoE Inserter w/ DC Input
More results


Similar Description - TP-DCDC-1256GX-VHP

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC3854 WINGS-2SC3854 Datasheet
25Kb / 1P
NPN (AUDIO POWER, DC TO DC CONVERTER)
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
Audio Power Amplifier DC to DC Converter
logo
Powerex Power Semicondu...
M57184N-715B POWEREX-M57184N-715B Datasheet
149Kb / 4P
High Voltage Input DC-to-DC Converter
logo
NXP Semiconductors
PIP213-12M NXP-PIP213-12M Datasheet
146Kb / 21P
DC-to-DC converter power train
Rev. 01-25 September 2007
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
High Voltage Input DC-to-DC Converter
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com