Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-DCDC-1248G Datasheet (PDF) - Tycon Systems, Inc.

TP-DCDC-1248G Datasheet PDF - Tycon Systems, Inc.
Part # TP-DCDC-1248G
Download  TP-DCDC-1248G Download
File Size   247.89 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Gigabit DC to DC Converter

TP-DCDC-1248G Datasheet (PDF)

Go To PDF Page Download Datasheet
TP-DCDC-1248G Datasheet PDF - Tycon Systems, Inc.

Part # TP-DCDC-1248G
Download  TP-DCDC-1248G Click to download

File Size   247.89 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Gigabit DC to DC Converter

TP-DCDC-1248G Datasheet (HTML) - Tycon Systems, Inc.


TP-DCDC-1248G Product details

Features
• Input Voltage 12VDC or 24VDC or 48VDC
• IEEE 802.3af Compliant or Passive PoE Output
• Dual Inputs for Connecting 2 Power Sources
• Integrated 10/100/1000MB PoE Inserter
• High Power up to 24W
• Low Self Consumption Power
• Short Circuit, Over Current and Reverse/Over Voltage Protect
• High Temperature Operation
• Compact Size – Maximize Available Space

Applications
• 12V / 24V / 48V Battery Systems, Vehicle Applications
• Wireless Access Points and Client Devices
• IP Phone and Security Camera Systems
• PoE Lighting Applications




Similar Part No. - TP-DCDC-1248G

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-DCDC-1248GAD TYCONSYSTEMS-TP-DCDC-1248GAD Datasheet
247Kb / 3P
Gigabit DC to DC Converter
TP-DCDC-1248GAD-M TYCONSYSTEMS-TP-DCDC-1248GAD-M Datasheet
247Kb / 3P
Gigabit DC to DC Converter
More results


Similar Description - TP-DCDC-1248G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
DC-to-DC converter powertrain
Rev. 02-2 March 2005
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com