Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDIN-POE-RELAY Datasheet (PDF) - Tycon Systems, Inc.

TPDIN-POE-RELAY Datasheet PDF - Tycon Systems, Inc.
Part # TPDIN-POE-RELAY
Download  TPDIN-POE-RELAY Download
File Size   258.03 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description TPDIN® PoE Powered Relay

TPDIN-POE-RELAY Datasheet (PDF)

Go To PDF Page Download Datasheet
TPDIN-POE-RELAY Datasheet PDF - Tycon Systems, Inc.

Part # TPDIN-POE-RELAY
Download  TPDIN-POE-RELAY Click to download

File Size   258.03 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description TPDIN® PoE Powered Relay

TPDIN-POE-RELAY Datasheet (HTML) - Tycon Systems, Inc.


TPDIN-POE-RELAY Product details

Features
• PoE Powered, No Other External Power Required
• Accepts 802.3af/at/bt Class 0 PoE or 24V Passive PoE
• Normally Open and Normally Closed 10A Relay Connections
• Gigabit Data Passthru with Surge Protection
• Wide Operating Voltage Range: -40C to +70C
• DIN Rail Mounting

Description
The TPDIN-POE-RELAY is a unique device that provides a way to control up to 10A of current from a managed PoE Switch or other PoE device. When PoE is applied to the TPDIN-POE-RELAY, the relay closes and the LED turns ON. When PoE power is removed, the relay turns off and the LED turns OFF.
There are two connections, a normally closed and a normally open, so that both relay logic states can be utilized.
Many modern PoE switches allow an operator to enable or disable the PoE on a particular port. This PoE switch function can be used to control the relay.
The unit features a Gigabit Data Passthrough with surge protection to protect the data connection up to 30KV.
It mounts to a standard DIN Rail commonly used in industrial installations.




Similar Part No. - TPDIN-POE-RELAY

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TPDIN-1256GD-BT TYCONSYSTEMS-TPDIN-1256GD-BT Datasheet
239Kb / 2P
TPDIN® DCDC PoE Injector
TPDIN-CB-63A TYCONSYSTEMS-TPDIN-CB-63A Datasheet
208Kb / 1P
250V 63A Circuit Breaker
TPDIN-SC48-20 TYCONSYSTEMS-TPDIN-SC48-20 Datasheet
320Kb / 2P
MPPT Solar Controller w/ Monitor and PoE Switch
Rev 7 6-May-20
More results


Similar Description - TPDIN-POE-RELAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Phihong USA Inc.
POE16S-1AFG PHIHONG-POE16S-1AFG Datasheet
104Kb / 3P
Single Port PoE Gigabit Switch Powered by IEEE802.3at
POE30S-1ATG PHIHONG-POE30S-1ATG Datasheet
102Kb / 3P
Single Port PoE Gigabit Switch Powered by Ultra PoE
POE60S-4AF PHIHONG-POE60S-4AF Datasheet
87Kb / 2P
5 Port PoE Switch Powered by ULTRA PoE
POE61S-4AF-R PHIHONG-POE61S-4AF-R Datasheet
240Kb / 3P
5 Port PoE Switch Powered by ULTRA PoE
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
Maxim Integrated Produc...
MAXREFDES31 MAXIM-MAXREFDES31 Datasheet
468Kb / 12P
3.3V and 5V PoE Powered Device - Subsystem Board
APP 5840: Apr 15, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com