Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1523023 Datasheet (PDF) - PHOENIX CONTACT

1523023 Datasheet PDF - PHOENIX CONTACT
Part # 1523023
Download  1523023 Download
File Size   585.78 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M12MS/ 0,6-PUR/M12FR SH - Sensor/actuator cable

1523023 Datasheet (PDF)

Go To PDF Page Download Datasheet
1523023 Datasheet PDF - PHOENIX CONTACT

Part # 1523023
Download  1523023 Click to download

File Size   585.78 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M12MS/ 0,6-PUR/M12FR SH - Sensor/actuator cable

1523023 Datasheet (HTML) - PHOENIX CONTACT


1523023 Product details

Sensor/actuator cable, 8-position halogen-free, shielded, Plug straight M12, coding: A,
connected with unwired, on Socket angled M12, coding: A, cable length: 0.6 m, bridged within
the plug

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1523023

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1523020 PHOENIX-1523020 Datasheet
1Mb / 19P
TRIO3-PS/1AC/24DC/20/CO - Power supply unit
More results


Similar Description - 1523023

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1514511 PHOENIX-1514511 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-4P-20,0-PUR/M12FR SH
12/05/2018
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1567173 PHOENIX-1567173 Datasheet
149Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/0,6-800/M12FR-3L
09/11/2020
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1522529 PHOENIX-1522529 Datasheet
556Kb / 17P
Sensor/actuator cable - SAC-8P-M12MS/10,0-PUR
Sep 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com