Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW5G-VERSA Datasheet (PDF) - Tycon Systems, Inc.

TP-SW5G-VERSA Datasheet PDF - Tycon Systems, Inc.
Part # TP-SW5G-VERSA
Download  TP-SW5G-VERSA Download
File Size   330.05 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Versatile Output PoE Switch

TP-SW5G-VERSA Datasheet (PDF)

Go To PDF Page Download Datasheet
TP-SW5G-VERSA Datasheet PDF - Tycon Systems, Inc.

Part # TP-SW5G-VERSA
Download  TP-SW5G-VERSA Click to download

File Size   330.05 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description Versatile Output PoE Switch

TP-SW5G-VERSA Datasheet (HTML) - Tycon Systems, Inc.


TP-SW5G-VERSA Product details

Features
• One (60W) High PoE, Three (30W) 802.3at
PoE and one (12W) 24V Passive PoE port
• Gigabit Compatible
• Built-in Surge Protection
• Automatic MDI/MDI-X Crossover
• Automatic Speed and Duplex Sensing
• Low Self Power and High Temperature
Operation
• DIN Rail Adapters included

Applications
• Power different devices from a single 48V supply
• Cameras and Wireless Radios
• PoE Lighting Applications




Similar Part No. - TP-SW5G-VERSA

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-SW5G-VERSABT TYCONSYSTEMS-TP-SW5G-VERSABT Datasheet
299Kb / 2P
Versatile Output PoE Switch
More results


Similar Description - TP-SW5G-VERSA

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8505 PLX-PEX8505 Datasheet
479Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8508 PLX-PEX8508 Datasheet
387Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8509 PLX-PEX8509 Datasheet
604Kb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8512 PLX-PEX8512 Datasheet
1Mb / 4P
Flexible & Versatile PCI Express짰 Switch
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
Flexible & Versatile PCI Express Switch
PEX8517 PLX-PEX8517 Datasheet
482Kb / 5P
Flexible & Versatile PCI Express짰 Switch
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
Flexible & Versatile PCI Express Switch
PEX8532 PLX-PEX8532 Datasheet
520Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
logo
List of Unclassifed Man...
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com