Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507 Datasheet (PDF) - Analog Devices

ADL5507 Datasheet PDF - Analog Devices
Part # ADL5507
Download  ADL5507 Download
File Size   6005.37 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector

ADL5507 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5507 Datasheet PDF - Analog Devices

Part # ADL5507
Download  ADL5507 Click to download

File Size   6005.37 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector

ADL5507 Datasheet (HTML) - Analog Devices


ADL5507 Product details

GENERAL DESCRIPTION
The ADL5507 is a complete, low-power, wide-band logarithmic RF
power detector for the measurement of RF signals in the 10 MHz to
12 GHz frequency range. The device is optimized for accurate RF
signal level measurements over a 55 dB dynamic range, from −56
dBm to −1 dBm at 3.6 GHz, when terminated with 50 Ω. It provides
a wider dynamic range and better accuracy than is possible using
discrete diode detectors. Its high sensitivity allows measurement of
low power levels, thus reducing the amount of power that needs to
be coupled to the detector.
For convenience, the signal input is internally AC-coupled, using a
series 25 pF capacitor. Therefore, the source can be DC grounded.
A broadband 50 Ω match is obtained with an external 51 Ω shunt
resistor. This high-pass coupling, with a corner at approximately 4
MHz, determines the lowest operating frequency.
The DC voltage at the ADL5507 output interface responds linearin-
dB to the RF signal level applied at its input. It is accurately
temperature compensated to provide typically better than ±1 dB
measurement accuracy over the full case operating temperature
range from −40°C to +105°C. The output interface has sufficient
capability to drive a wide range of analog‐to‐digital converters
(ADCs) and other circuitry.
The CFLT interface enables additional ripple and noise filtering of
the output signal, without reducing the drive capability of the VLOG
interface. This is achieved by connecting a capacitor between the
CFLT and VLOG interfaces.
The tri-state ENBL interface switches the device between active
positive output slope mode, active negative output slope mode, and
a low-power shutdown mode. In positive output slope mode, the
ADL5507 output increases approximately from 0.1 V to 1.2 V as the
input signal level increases from 0.35 mV rms (−56 dBm) to 200 mV
rms (−1 dBm). In negative output slope mode, the output decreases
approximately from 1 V to 0 V as the input signal level decreases
from 200 mV rms (−1 dBm) to 0.35 mV rms (−56 dBm). The output
interface becomes high impedance in shutdown to avoid discharge
of external filter capacitors.
The ADL5507 is available in a 6-ball WLCSP package and consumes
12.5 mA from a 3.3 V supply. In shutdown mode, the typical
disable supply current is <100 μA.

FEATURES
► Complete RF detector function
► Wide operating frequency range from 10 MHz to 12 GHz
► Stable linear-in-decibel response
► 55 dB dynamic range (±1 dB error at 3.6 GHz RF input)
► Excellent temperature stability, ±1 dB typical
► Positive/negative output slope response controlled by ENBL Pin
► Power on/off response time: 2.5 μs/200 ns (rise/fall)
► Operates from −40°C to +105°C
► Low power: 12.5 mA at 3.3 V
► Disable current <100 μA
► Power supply voltage range from 2.7 V to 3.45 V

APPLICATIONS
► RSSI and TSSI for wired and wireless terminal devices
► RF transmitter or receiver power measurement
► Wide-band Automatic Gain Control




Similar Part No. - ADL5507

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5500 AD-ADL5500 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
Rev. B
ADL5500-EVALZ AD-ADL5500-EVALZ Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5500-EVALZ AD-ADL5500-EVALZ Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
Rev. B
More results


Similar Description - ADL5507

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com