Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16170 Datasheet (PDF) - Analog Devices

MAX16170 Datasheet PDF - Analog Devices
Part # MAX16170
Download  MAX16170 Download
File Size   1240.47 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Voltage Ideal Diode Controller with Integrated CSA

MAX16170 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16170 Datasheet PDF - Analog Devices

Part # MAX16170
Download  MAX16170 Click to download

File Size   1240.47 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Voltage Ideal Diode Controller with Integrated CSA

MAX16170 Datasheet (HTML) - Analog Devices


MAX16170 Product details

General Description
The MAX16170, a high-voltage ideal diode controller, offers full system-level protections for automotive applications. The MAX16170 is designed to enhance system safety, reliability, and performance with added diagnostics, robust fault-recovery mode, and a high-side, integrated current-sense amplifier (CSA). The MAX16170 features dual-gate-driver topology that supports common-drain configuration and protects systems against reverse voltage, input overvoltage (OV), undervoltage (UV), overcurrent, and thermal fault conditions. During power-up, the device monitors the health of the external power metal-oxide semiconductor field effect transistors (MOSFETs) for open or short-circuit conditions and asserts an open-drain output (FETOK) when one or both power MOSFETs are damaged. Additionally, the device offers an open-drain fault output (FLT) that asserts low when there is a fault condition.
During normal operation, the MAX16170 regulates the voltage drop across the drain-to-source of MOSFET (Q1) to 10mV to block DC flow to the battery in reverse voltage fault condition. A resistor from a low-voltage input (ILIM) to ground sets the overcurrent threshold.
During sleep mode of operation, the device consumes only 5uA (typ) while delivering 1mA (min) of current to the load to support stand-by system operation. In shutdown mode, the charge pump is disabled, and the OV and UV resistive dividers are disconnected from the battery through the TERM switch to lower the shutdown supply current to 3μA (typ).
The MAX16170 is available in a 4mm x 4mm x 0.75mm, 20-pin, side-wettable, TQFN package with an exposedpad and operates over the automotive temperaturerange of −40°C to +125°C.

Features and Benefits
•AEC-Q100 Qualified for Automotive Applications
•3V to 65V Operating Voltage Range
•Supports 12V/24V Battery Systems
•−42V to +76V Input Protection Range
•Wider Transients Immunity
•High-Side CSA
•Enables System Power-Level Measurement
•Output Sensing
•Enables Fast Fault Recovery
•30kHz Active Rectification
•Facilitates System Level Testing Per AutomotiveStandard
•Support ORing Application
•Robust Fault-Recovery Mode
•5μA Shutdown Mode Current
•Extends Battery Life
•Resistor-Adjustable OCP Threshold
•Adds Design Flexibility
•1mA (min) Sleep Mode Current Output
•Supports Standby Mode of Operation
•FETOK/FLT Outputs
•Enhance System Diagnostics

Applications
•Automotive Power Systems
•Network/Telecom Power Systems
•RAID Systems
•Servers
•PoE Systems




Similar Part No. - MAX16170

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX16171EVKIT MAXIM-MAX16171EVKIT Datasheet
352Kb / 7P
4V to 57V Operating Voltage Range
Rev 0; 10/20
MAX16171EVKIT# MAXIM-MAX16171EVKIT# Datasheet
352Kb / 7P
4V to 57V Operating Voltage Range
Rev 0; 10/20
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Similar Description - MAX16170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
Positive High Voltage Ideal Diode Controller
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
Positive High Voltage Ideal Diode Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4359 LINER-LTC4359 Datasheet
292Kb / 20P
Ideal Diode Controller with Reverse Input Protection
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com