Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40109 Datasheet (PDF) - Analog Devices

MAX40109 Datasheet PDF - Analog Devices
Part # MAX40109
Download  MAX40109 Download
File Size   1616.09 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Signal Conditioning AFE for Pressure Sensor Applications

MAX40109 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40109 Datasheet PDF - Analog Devices

Part # MAX40109
Download  MAX40109 Click to download

File Size   1616.09 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Signal Conditioning AFE for Pressure Sensor Applications

MAX40109 Datasheet (HTML) - Analog Devices


MAX40109 Product details

General Description
The MAX40109 is a low-power, precision sensor interface SoC that includes a high-precision, programmable Analog frontend (AFE), Analog-to-Digital Converter (ADC), calibration memory, and digital signal processing. It also includes a Digital-to-Analog Converter (DAC) with an output buffer to support analog voltage output and a 4mA–20mA current loop. It is designed for sensor applications such as strain gauges, pressure, force, and temperature.
This Sensor AFE has both analog and digital outputs. The digital 1-Wire/I2C interfaces program the calibration memory, the front-end Programmable gain amplifier (PGA)'s gain, and the internal current source that drives the sensors' bridge. The digital I2C interface can also be used to retrieve the digital output data and generate alarms.
The MAX40109 operates from 3V to 36V, is available in the Thin quad flat no-lead (TQFN) package and is specified over the -40°C to +125°C operating temperature range.

Benefits and Features
• Analog Front-End to Interface with Resistive Bridge-Based Pressure Sensors
• Temperature Measurement either directly from the Resistive Bridge or from an External Thermistor
• Analog Zero-Pressure Offset Compensation
• High-Precision PGA Front-End with 20 Gain Options
• Analog and Digital Outputs
• Digital 1-Wire, Power Line Communication (PLC) and I2C interfaces
• Calibration Memory with Third-Order Polynomial for Compensation from Temperature and Non-Linearity
• Internal Electromagnetic Interference (EMI) Rejection
• Supply Voltage Range: 3V to 36V
• Low 2mA (typ.) Supply Current
• Available in TQFN package

Applications
• Pressure Sensors
• Strain Gauges
• Force Sensors
• Temperature Sensors
• Wheatstone-Bridge




Similar Part No. - MAX40109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
More results


Similar Description - MAX40109

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Freescale Semiconductor...
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
logo
Texas Instruments
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
Signal conditioning for a UV sensor
18-Mar-2014
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com