Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1476840 Datasheet (PDF) - PHOENIX CONTACT

1476840 Datasheet PDF - PHOENIX CONTACT
Part # 1476840
Download  1476840 Download
File Size   313.41 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 1,5-PUR/P12FR SH - Sensor/actuator cable

1476840 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476840 Datasheet PDF - PHOENIX CONTACT

Part # 1476840
Download  1476840 Click to download

File Size   313.41 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 1,5-PUR/P12FR SH - Sensor/actuator cable

1476840 Datasheet (HTML) - PHOENIX CONTACT


1476840 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Advanced
Shielding Technology), free cable end, on Socket angled M12 Push Pull, coding: A, cable length:
1.5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1476840

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476842 PHOENIX-1476842 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FS SH - Sensor/actuator cable
1476843 PHOENIX-1476843 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476845 PHOENIX-1476845 Datasheet
318Kb / 7P
SAC-4P-P12MR/10,0-PUR SH - Sensor/actuator cable
More results


Similar Description - 1476840

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1224166 PHOENIX-1224166 Datasheet
1Mb / 5P
Sensor/actuator cable - SAC-4P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1476875 PHOENIX-1476875 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 0,3-PUR/P12FR SH - Sensor/actuator cable
1476786 PHOENIX-1476786 Datasheet
376Kb / 8P
SAC-3P- 1,5-PUR/P12FR SH - Sensor/actuator cable
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476838 PHOENIX-1476838 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FR SH - Sensor/actuator cable
1476839 PHOENIX-1476839 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1224014 PHOENIX-1224014 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224179 PHOENIX-1224179 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224252 PHOENIX-1224252 Datasheet
2Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com