Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1476889 Datasheet (PDF) - PHOENIX CONTACT

1476889 Datasheet PDF - PHOENIX CONTACT
Part # 1476889
Download  1476889 Download
File Size   2557.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-10,0-PUR/P12FS SH - Sensor/actuator cable

1476889 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476889 Datasheet PDF - PHOENIX CONTACT

Part # 1476889
Download  1476889 Click to download

File Size   2557.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-10,0-PUR/P12FS SH - Sensor/actuator cable

1476889 Datasheet (HTML) - PHOENIX CONTACT


1476889 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded (Advanced
Shielding Technology), Socket straight M12 Push Pull, coding: A, connected with unwired, on
free cable end, cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1476889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476881 PHOENIX-1476881 Datasheet
343Kb / 8P
SAC-4P-P12MS/ 0,3-PUR/P12FS SH - Sensor/actuator cable
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476885 PHOENIX-1476885 Datasheet
1Mb / 8P
SAC-5P- 5,0-PUR/P12FR SH - Sensor/actuator cable
1476886 PHOENIX-1476886 Datasheet
1Mb / 8P
SAC-5P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1476888 PHOENIX-1476888 Datasheet
1Mb / 8P
SAC-5P- 1,5-PUR/P12FR SH - Sensor/actuator cable
More results


Similar Description - 1476889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476788 PHOENIX-1476788 Datasheet
1Mb / 8P
SAC-3P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476893 PHOENIX-1476893 Datasheet
2Mb / 8P
SAC-5P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476911 PHOENIX-1476911 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
1476912 PHOENIX-1476912 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,3-PUR/P12FS SH - Sensor/actuator cable
1224249 PHOENIX-1224249 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224256 PHOENIX-1224256 Datasheet
2Mb / 9P
SAC-5P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com