Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

714301050 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

714301050 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 714301050
Download  714301050 Download
File Size   247.08 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Caps for WS-TATV / WS-TASV Square Actuator Tact Switch

714301050 Datasheet (PDF)

Go To PDF Page Download Datasheet
714301050 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 714301050
Download  714301050 Click to download

File Size   247.08 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Caps for WS-TATV / WS-TASV Square Actuator Tact Switch

714301050 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


714301050 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 714301050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71430-0004 MOLEX8-71430-0004 Datasheet
431Kb / 5P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
71430-0005 MOLEX8-71430-0005 Datasheet
431Kb / 5P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
71430-0007 MOLEX8-71430-0007 Datasheet
419Kb / 5P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
71430-0008 MOLEX8-71430-0008 Datasheet
431Kb / 5P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
71430-0009 MOLEX8-71430-0009 Datasheet
431Kb / 5P
0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, with or withoutEnhanced Shield, 68 Circuits
More results


Similar Description - 714301050

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
WS-TASV 6x6mm Tact Switch, SMD version
430476073716 WURTH-430476073716 Datasheet
106Kb / 1P
WS-TATV 12x12mm washable Tact Switch with square actuator, THT version
434111025826 WURTH-434111025826 Datasheet
94Kb / 1P
WS-TASV,6,0x3,8mm Tact Switch, SMD version
434121025816 WURTH-434121025816 Datasheet
94Kb / 1P
WS-TASV,6,0x3,8mm Tact Switch, SMD version
430456043736 WURTH-430456043736 Datasheet
105Kb / 1P
WS-TATV 12x12mm washable Tact Switch, THT version
430456073736 WURTH-430456073736 Datasheet
106Kb / 1P
WS-TATV 12x12mm washable Tact Switch with square actuator, THT version
430466085726 WURTH-430466085726 Datasheet
104Kb / 1P
WS-TATV 12x12mm washable Tact Switch, THT version
430181038816 WURTH-430181038816 Datasheet
109Kb / 1P
WS-TASV 4,5x4,5mm Tact Switch, SMD version
434133025816 WURTH-434133025816 Datasheet
574Kb / 7P
WS-TASV J-Bend SMT Tact Switch
001.001
430162073826 WURTH-430162073826 Datasheet
612Kb / 6P
WS-TASV SMT Tact Switch
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com