Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1013 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADS1013 Datasheet PDF - Texas Instruments
Part # ADS1013
Download  ADS1013 Download
File Size   1790.22 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator

ADS1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1013 Datasheet PDF - Texas Instruments

Part # ADS1013
Download  ADS1013 Click to download

File Size   1790.22 Kbytes
Page   47 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator

ADS1013 Datasheet (HTML) - Texas Instruments


ADS1013 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Noise-free resolution: 12 bit
• Wide supply range: 2.0 V to 5.5 V
• Low current consumption: 150 μA
(continuous-conversion mode)
• Programmable data rate:
128 SPS to 3.3 kSPS
• Single-cycle settling
• Internal low-drift voltage reference
• Internal oscillator
• I2C interface: Four pin-selectable addresses
• Family of devices:
– ADS1013-Q1: 1 single-ended (SE) or
differential input (DE)
– ADS1014-Q1: 1 single-ended or differential
input with comparator and PGA
– ADS1015-Q1: 4 single-ended or 2 differential
inputs with comparator and PGA

2 Applications
• Camera modules without processing
• Automotive center information displays
• Automotive cluster displays
• General-purpose voltage and current monitoring

3 Description
The ADS1013-Q1, ADS1014-Q1, and ADS1015-Q1
(ADS101x-Q1) are precision, low-power, 12-bit,
I2C-compatible, analog-to-digital converters (ADCs)
offered in VSSOP-10 and UQFN-10 packages. The
ADS101x-Q1 incorporate a low-drift voltage reference
and an oscillator. The ADS1014-Q1 and ADS1015-
Q1 also incorporate a programmable gain amplifier
(PGA) and a digital comparator. These features, along
with a wide operating supply range, are useful for
power- and space-constrained, sensor measurement
applications.
The ADS101x-Q1 perform conversions at data
rates up to 3300 samples per second (SPS).
The PGA offers input ranges from ±256 mV to
±6.144 V, allowing precise large- and small-signal
measurements. The ADS1015-Q1 features an input
multiplexer (MUX) that allows two differential or four
single-ended input measurements. Use the digital
comparator in the ADS1014-Q1 and ADS1015-Q1 for
under- and overvoltage detection.




Similar Part No. - ADS1013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013 TI-ADS1013 Datasheet
789Kb / 34P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013 TI1-ADS1013 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013 TI1-ADS1013 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1013 TI-ADS1013 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013 TI1-ADS1013 Datasheet
1Mb / 33P
Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Similar Description - ADS1013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
logo
Texas Instruments
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS7142-Q1 TI1-ADS7142-Q1_V01 Datasheet
2Mb / 75P
ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com