Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2732 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AM2732 Datasheet PDF - Texas Instruments
Part # AM2732
Download  AM2732 Download
File Size   7119.74 Kbytes
Page   114 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM273x Sitara™ Microcontrollers

AM2732 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2732 Datasheet PDF - Texas Instruments

Part # AM2732
Download  AM2732 Click to download

File Size   7119.74 Kbytes
Page   114 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM273x Sitara™ Microcontrollers

AM2732 Datasheet (HTML) - Texas Instruments


AM2732 Product details

1 Features
Processor Cores:
• Dual-core Arm® Cortex®-R5F MCU subsystem
operating up to 400 MHz, highly-integrated for
real-time processing
– Dual-core Arm® Cortex®-R5F cluster supports
dual-core and single-core operation
– 32KB I-Cache and 32KB D-Cache per R5F
core with SECDED ECC on all memories
– Single-core: 128KB TCM per cluster (128KB
TCM per R5F core)
– Dual-core: 128KB TCM per cluster (64KB TCM
per R5F core)
• C66x DSP core
– Single core, 32-bit, floating point DSP
– Operating at 450 MHz (14.4 GMAC)
Memory subsystem:
• Up to 5.0 MB On Chip RAM (OCSRAM)
– Memory space sharable between DSP, MCU,
and shared L3
– 3.5625MB shared L3 memory
– 960KB dedicated to Main subsystem
– 384KB dedicated to DSP subsystem
• External Memory Interfaces (EMIF)
– QSPI interface operating up to 67 MHz
System on Chip (SoC) Services and Architecture:
• 12x EDMA for various subsystems, MCU, DSP
and Accelerator cores
• 5x Real-Time Interrupt (RTI) modules
• Mailbox system for Interprocessor Communication
(IPC)
• JTAG/Trace interfaces for device debugging
• Clock source
– 40.0 MHz crystal with internal oscillator
– Supports external oscillator at 40/50 MHz
– Supports externally driven clock (Square/Sine)
at 40/50 MHz
High-speed Serial Interfaces:
• 10/100 Mbps Ethernet (RGMII/RMII/MII)
• Input: 2x 4-lane MIPI D-PHY CSI 2.0 Data
• Output: 4-lane Aurora/LVDS
General Connectivity Peripherals:
• General Purpose Analog to Digital Converters
(GPADC)
– 1x 9-channel ADC supporting up to 625 Ksps
• Digital Connectivity
– 4x Serial Peripheral Interface (SPI) controllers
operating up to 25 MHz
– 3x Inter-Integrated Circuit (I2C) ports
– 4x Universal Asynchronous Receiver-
Transmitters (UART)
– 3x Multi-channel Audio Serail Port (McASP)
– Audio Tracking Logic (ATL)
Industrial and control interfaces:
• 3x Enhanced Pulse-Width Modulator (ePWM)
• 1x Enhanced Capture Module (eCAP)
• 2x Modular Controller Area Network (MCAN)
modules with CAN-FD support
Power Management:
• Recommend LP87745-Q1 Power Management
ICs (PMIC)
• Simplified power sequencing and reduced number
of power supply rails
• Dual voltage digital I/O supporting 3.3V and 1.8V
operation
Security:
• Device Security
– Programmable embedded Hardware Security
Module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), Asymmetric keys (up to RSA-4K
or ECC-512) with Key revocation capability
– Crypto hardware accelerators - PKA with ECC,
AES (up to 256 bit), TRNG/DRBG
Functional Safety:
• Functional Safety Quality Managed
– Documentation will be available to aid ISO
26262 functional safety system design
• AEC-Q100 Qualified
• Operating Conditions
– Extended automotive grade temperature range
supported
– Extended industrial grade temperature range
supported
Package options:
• ZCE (285-pin) nFBGA package 13mm x 13mm,
0.65 mm pitch
• NZN (225-pin) nFBGA package 13mm x 13mm,
0.80 mm pitch

2 Applications
• Robotics
• Factory automation safety guards
• Building automation
• Automotive audio
• Traffic monitoring
• Machine vision
• Avionics
• Industrial transport

3 Description
The AM273x family of microcontrollers are highly-integrated, high-performance microcontrollers based on the
Arm Cortex-R5F and a C66x floating-point DSP cores. The device enables original equipment manufacturers
(OEM) and original design manufacturers (ODM) to quickly bring to market devices with robust software support,
rich user interfaces, and high performance. The device offers the maximum flexibility of a fully integrated, mixed
processor design.
With an integrated Hardware Security Module (HSM), functional safety support built in, large, integrated RAM
on die, and a wide temperature range, the AM273x offers a safe, secure and cost effective design for many
industrial and automotive applications.
The AM273x device is provided as part of a complete platform including hardware reference designs, software
drivers, DSP library, sample software configurations/applications, API guide, and user documentation.




Similar Part No. - AM2732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2732 TI-AM2732 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2732-Q1 TI-AM2732-Q1 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2732ADRFGAZCER TI-AM2732ADRFGAZCER Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2732ADRFGAZCER TI-AM2732ADRFGAZCER Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
More results


Similar Description - AM2732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2732 TI-AM2732_V01 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2634 TI-AM2634_V01 Datasheet
3Mb / 164P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com