Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV83X7F Datasheet (PDF) - STMicroelectronics

STV83X7F Datasheet PDF - STMicroelectronics
Part # STV83X7F
Download  STV83X7F Download
File Size   99.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TV sound processor with analog broadcast demodulator for A2 and NICAM standards

STV83X7F Datasheet (PDF)

Go To PDF Page Download Datasheet
STV83X7F Datasheet PDF - STMicroelectronics

Part # STV83X7F
Download  STV83X7F Click to download

File Size   99.98 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TV sound processor with analog broadcast demodulator for A2 and NICAM standards

STV83X7F Datasheet (HTML) - STMicroelectronics


STV83X7F Product details

Description

STV83xy family is the latest sound processor from STMicroelectronics. Based on STV82xy family success, the new STV83x8(US) and STV83x7 (EU/Asia/Middle East/Africa) are particularly intended for the mainstream flat TV market, paving the way to enhanced sound experience at the end customer level.

One of the new STV83xy family key function is to ensure the proper demodulation of analog broadcast thanks to its “Autostandard” functionality, a digital standard search engine.

The demodulation functionality based on the field proven STV82xy family, is highly robust in all concerned area, even where overmodulation is dominant.

Five (5) analog audio auxiliary inputs and three (3) auxiliary SCART compliant outputs are available and aimed at reducing the bill of material (BOM) by removing audio switches and buffers.



Features

■ 24-bit Digital signal processor

■ 48kHz processing

■ Fully automatic multi-standard demodulation:

   – B / G / I / L / M / N / D / K standards

   – AM and FM mono

   – FM 2-Carrier (German and Korean Zweiton) and QPSK / NICAM

■ Audio delay

   – 100ms embedded

   – external delay support (through I²S) with or without the internal delay activated

   – independent delay on headphone and loudspeaker channels

■ Digital interfaces

   – 1 x I²S asynchronous interface for stereo or downmix with sample rate converter up to 48kHz

   – 1 x I²S synchronous interface which supports from stereo up to multichannel 5.1 and downmix inputs

   – 1 x I²S output support from stereo up to 5.1 speakers

   – SPDIF output and pass-thru with integrated switch

■ Analog interfaces

   – 5 stereo inputs

   – 1 mono input

   – 3 independent stereo outputs driving up to 5.1 multichannel

   – 2 VRMS capability for SCART standard compliance

   – pass-through mode

■ Acoustical compensation

   – 3-band parametric equalizer with frequency, gain and Q control

   – 5-band equalizer

   – ST DynamicBass

   – bass management

■ Dolby Prologic®I and II

■ Sound processing

   – anti-clipping

   – independent volume / balance for loudspeakers and headphone

   – Smart Volume Control (SVC)

   – 5-band equalizer

   – loudness

   – headphone: Smart Volume Control (SVC), bass treble with anti-clipping, loudness, ST Dynamic Bass and SRS® TruBass™

   – beeper: 72 tones, 3 natural sounds

■ ST royalty-free processing:

   – ST OmniSurround ( Virtual Dolby® Surround and Virtual Dolby® Digital compliant)

   – ST Dynamic Bass

   – ST Voice

■ SRS®

   – SRS WOW™

   – SRS® TruSurround XT™ &XT 5.1 digital™

   – SRS® TruSurround HD

■ Software compatible with STV83x8

■ Hardware pin to pin compatible with STV83x8



 




Similar Part No. - STV83X7F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV83X8 STMICROELECTRONICS-STV83X8 Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for BTSC standards
21-Dec-2006
STV83X8F STMICROELECTRONICS-STV83X8F Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for BTSC standards
21-Dec-2006
More results


Similar Description - STV83X7F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
TA8874Z TOSHIBA-TA8874Z Datasheet
450Kb / 14P
SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV/VTR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
Multistandard TV Audio Processor and Digital Sound Demodulator
25-Feb-2005
STV83X8 STMICROELECTRONICS-STV83X8 Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for BTSC standards
21-Dec-2006
logo
Toshiba Semiconductor
TA8874Z TOSHIBA-TA8874Z_01 Datasheet
221Kb / 14P
SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV / VTR
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
logo
NXP Semiconductors
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
logo
Analog Devices
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com