Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1804097 Datasheet (PDF) - PHOENIX CONTACT

1804097 Datasheet PDF - PHOENIX CONTACT
Part # 1804097
Download  1804097 Download
File Size   370.04 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-CF-C-2,5-235-BU-FE - Device connector front mounting

1804097 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804097 Datasheet PDF - PHOENIX CONTACT

Part # 1804097
Download  1804097 Click to download

File Size   370.04 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-CF-C-2,5-235-BU-FE - Device connector front mounting

1804097 Datasheet (HTML) - PHOENIX CONTACT


1804097 Product details

Device connector front mounting, Range of articles: Sunclix, housing material: PPE, color: black,
number of positions: 1, min. conductor cross section: 2.5 mm2, rated voltage: 1000 V DC, rated
current: 27 A, Connection method: Crimp, Contact connection type: Socket, cable length: 235




Similar Part No. - 1804097

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
180409 TEC-180409 Datasheet
99Kb / 11P
For further information, not included in this IS , and for technical assistance please contact:
More results


Similar Description - 1804097

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1795323 PHOENIX-1795323 Datasheet
60Kb / 2P
Connector - PV-CF-P 2,5()
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-4-130-BU
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-130-BU
1592490 PHOENIX-1592490 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
1592499 PHOENIX-1592499 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com