Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1804107 Datasheet (PDF) - PHOENIX CONTACT

1804107 Datasheet PDF - PHOENIX CONTACT
Part # 1804107
Download  1804107 Download
File Size   389.94 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-CM-C-2,5-235-RD-FE - Device connector front mounting

1804107 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804107 Datasheet PDF - PHOENIX CONTACT

Part # 1804107
Download  1804107 Click to download

File Size   389.94 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-CM-C-2,5-235-RD-FE - Device connector front mounting

1804107 Datasheet (HTML) - PHOENIX CONTACT


1804107 Product details

Device connector front mounting, Range of articles: Sunclix, housing material: PPE, color: black,
number of positions: 1, min. conductor cross section: 2.5 mm2, rated voltage: 1000 V DC, rated
current: 27 A, Connection method: Crimp, Contact connection type: Pin, cable length: 235




Similar Part No. - 1804107

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
logo
Molex Electronics Ltd.
180412-0001 MOLEX10-180412-0001 Datasheet
49Kb / 1P
LED Array Holder for Citizen CLL010, Gold (Au) Plating
180414-0001 MOLEX10-180414-0001 Datasheet
46Kb / 1P
LED Array Holder for Citizen CLL020 and CLL030, Gold (Au) Plating - Two Piece Design
180414-0102 MOLEX10-180414-0102 Datasheet
51Kb / 1P
LED Array Holder for Citizen CLL020, Gold (Au) Plating - One Piece Design
180414-0103 MOLEX10-180414-0103 Datasheet
51Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Similar Description - 1804107

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1795336 PHOENIX-1795336 Datasheet
60Kb / 2P
Connector - PV-CM-P 2,5(-)
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
Photovoltaic connector - PV-FT-CM-C-4-130-RD
1592490 PHOENIX-1592490 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
1592499 PHOENIX-1592499 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com