Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX6504 Datasheet (PDF) - California Eastern Labs

NX6504 Datasheet PDF - California Eastern Labs
Part # NX6504
Download  NX6504 Download
File Size   95.32 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 1550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS

NX6504 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6504 Datasheet PDF - California Eastern Labs

Part # NX6504
Download  NX6504 Click to download

File Size   95.32 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 1550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS

NX6504 Datasheet (HTML) - California Eastern Labs




Similar Part No. - NX6504

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6504 RENESAS-NX6504 Datasheet
336Kb / 13P
LASER DIODE
2004
NX6504GH RENESAS-NX6504GH Datasheet
336Kb / 13P
LASER DIODE
2004
NX6504GK RENESAS-NX6504GK Datasheet
336Kb / 13P
LASER DIODE
2004
NX6504SH RENESAS-NX6504SH Datasheet
336Kb / 13P
LASER DIODE
2004
NX6504SK RENESAS-NX6504SK Datasheet
336Kb / 13P
LASER DIODE
2004
More results


Similar Description - NX6504

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX5302 CEL-NX5302 Datasheet
127Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX7304BG-CC CEL-NX7304BG-CC Datasheet
95Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
NEC
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX8304BE-CC CEL-NX8304BE-CC Datasheet
105Kb / 5P
InGaAsP MQW-DFB LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX5302SE CEL-NX5302SE Datasheet
128Kb / 4P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5306 CEL-NX5306 Datasheet
231Kb / 7P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com