Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTS6PLUGASSYFT4MM2M Datasheet (PDF) - Huber+Suhner, Inc.

UTS6PLUGASSYFT4MM2M Datasheet PDF - Huber+Suhner, Inc.
Part # UTS6PLUGASSYFT4MM2M
Download  UTS6PLUGASSYFT4MM2M Download
File Size   1399.59 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Power Assembly, 2 core, 4mm2, PC to blunt cut

UTS6PLUGASSYFT4MM2M Datasheet (PDF)

Go To PDF Page Download Datasheet
UTS6PLUGASSYFT4MM2M Datasheet PDF - Huber+Suhner, Inc.

Part # UTS6PLUGASSYFT4MM2M
Download  UTS6PLUGASSYFT4MM2M Click to download

File Size   1399.59 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Power Assembly, 2 core, 4mm2, PC to blunt cut

UTS6PLUGASSYFT4MM2M Datasheet (HTML) - Huber+Suhner, Inc.


UTS6PLUGASSYFT4MM2M Product details

Properties
• Terminated with a rugged
circular plastic plug and
blunt cut on the RRH side
• Compatible with MLUP,
MLEP, MLUH




Similar Part No. - UTS6PLUGASSYFT4MM2M

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
UTS6PLUGASSYFT10MM2M HUBERSUHNER-UTS6PLUGASSYFT10MM2M Datasheet
1Mb / 2P
Power Assembly, 2 core, 10mm2, PC to blunt cut
UTS6PLUGASSYFT12AWGM HUBERSUHNER-UTS6PLUGASSYFT12AWGM Datasheet
1Mb / 2P
Power Assembly, 2 core, 12 AWG, PC to blunt cut
UTS6PLUGASSYFT6MM2M HUBERSUHNER-UTS6PLUGASSYFT6MM2M Datasheet
1Mb / 2P
Power Assembly, 2 core, 6mm2, PC to blunt cut
UTS6PLUGASSYFTAWG10M HUBERSUHNER-UTS6PLUGASSYFTAWG10M Datasheet
1Mb / 2P
Power Assembly, 2 core, 10 AWG, PC to blunt cut
UTS6PLUGASSYFTE6MM2M HUBERSUHNER-UTS6PLUGASSYFTE6MM2M Datasheet
213Kb / 2P
Power Assembly, 2 core, 6mm2, PC to blunt cut, customized
More results


Similar Description - UTS6PLUGASSYFT4MM2M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-125T ADVANTECH-PPC-125T Datasheet
286Kb / 2P
12 Panel PC with Intel짰 Core??2 Duo Processor
logo
Qualtek Electronics Cor...
3021005-03 QUALTEK-3021005-03 Datasheet
402Kb / 1P
USB 4P(A)/M - BLUNT CUT
3021011-06 QUALTEK-3021011-06 Datasheet
402Kb / 1P
USB 4P(A)/M - BLUNT CUT
3021017-10 QUALTEK-3021017-10 Datasheet
402Kb / 1P
USB 4P(A)/M - BLUNT CUT
3021023-16 QUALTEK-3021023-16 Datasheet
402Kb / 1P
USB 4P(A)/M - BLUNT CUT
3021029-16 QUALTEK-3021029-16 Datasheet
400Kb / 1P
USB 4P(A)/M - BLUNT CUT
logo
Tensility International...
CUI-1867 TENSILITY-CUI-1867 Datasheet
64Kb / 2P
Cable, 550 mm, 5.5x2.1 dc jack to blunt cut, 18 AWG, UL2468
logo
Allied Components Inter...
CLC02-1N0_-RC ALLIED-CLC02-1N0_-RC Datasheet
315Kb / 1P
Ceramic Core Laser Cut Chip Inductor
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
Ceramic Core Laser Cut Chip Inductor
logo
List of Unclassifed Man...
AMCC ETC-AMCC Datasheet
949Kb / 4P
AMCC Series Cut Core FINEMET® F3CC Series Cut Core
Apr. 16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com