Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC541 Datasheet (PDF) - Texas Instruments

SN74AC541 Datasheet PDF - Texas Instruments
Part # SN74AC541
Download  SN74AC541 Download
File Size   1467.61 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC541 Octal Buffers or Drivers With 3-State Outputs

SN74AC541 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC541 Datasheet PDF - Texas Instruments

Part # SN74AC541
Download  SN74AC541 Click to download

File Size   1467.61 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74AC541 Octal Buffers or Drivers With 3-State Outputs

SN74AC541 Datasheet (HTML) - Texas Instruments


SN74AC541 Product details

1 Features
• Wide operating range of 1.5 V to 6 V
• Inputs accept voltages up to 6 V
• Continuous ±24-mA output drive at 5 V
• Supports up to ±75-mA output drive at 5 V
in short bursts
• Drives 50-Ω transmission lines
• Maximum tpd of 6 ns at 5 V, 50 pF load

2 Applications
• Drive an indicator LED
• Redrive a digital signal
• Drive a transmission line
• Hold a signal during controller reset

3 Description
The SN74AC541 contains eight independent logic
buffers. The outputs can simultaneously be put into
the high-impedance state using either of the provided
output enable pins (OE1 or OE2).




Similar Part No. - SN74AC541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC541 TI1-SN74AC541 Datasheet
1Mb / 26P
SN74AC541 Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC541 TI1-SN74AC541 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MARCH 2024
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 31P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MARCH 2024
More results


Similar Description - SN74AC541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI1-SN54AC244_V01 Datasheet
2Mb / 34P
SNx4AC244 Octal Buffers or Drivers with 3-State Outputs
REVISED AUGUST 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC541 TI1-SN74AC541 Datasheet
1Mb / 26P
SN74AC541 Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
SN74AC8541 TI1-SN74AC8541 Datasheet
1Mb / 29P
SN74AC8541 Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com