Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAIS100-P Datasheet (PDF) - LEM

HAIS100-P Datasheet PDF - LEM
Part # HAIS100-P
Download  HAIS100-P Download
File Size   800.25 Kbytes
Page   3 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Current Transducer

HAIS100-P Datasheet (PDF)

Go To PDF Page Download Datasheet
HAIS100-P Datasheet PDF - LEM

Part # HAIS100-P
Download  HAIS100-P Click to download

File Size   800.25 Kbytes
Page   3 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Current Transducer

HAIS100-P Datasheet (HTML) - LEM


HAIS100-P Product details

For the electronic measurement of currents : DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).



Features

• Hall effect measuring principle

• Galvanic isolation between primary and secondary circuit

• Isolation test voltage 2500V

• Low power consumption

• Single power supply +5V

• Fixed offset & gain

• Bus bar version available for 50A and 100A ratings.

• Insulated plastic case recognized according to UL94-V0.



Applications

• AC variable speed drives

• Static converters for DC motor drives

• Battery supplied applications

• Uninterruptible Power Supplies (UPS)

• Switched Mode Power Supplies (SMPS)

• Power supplies for welding applications.



 




Similar Part No. - HAIS100-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAIS100-P LEM-HAIS100-P Datasheet
592Kb / 3P
Current Transducer
More results


Similar Description - HAIS100-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com