Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16A Datasheet (PDF) - Zemic Europe B.V.

L16A Datasheet PDF - Zemic Europe B.V.
Part # L16A
Download  L16A Download
File Size   451.79 Kbytes
Page   3 Pages
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.
Description Type L16A Load Cell

L16A Datasheet (PDF)

Go To PDF Page Download Datasheet
L16A Datasheet PDF - Zemic Europe B.V.

Part # L16A
Download  L16A Click to download

File Size   451.79 Kbytes
Page   3 Pages
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.
Description Type L16A Load Cell

L16A Datasheet (HTML) - Zemic Europe B.V.


L16A Product details

Short Description
• Aluminium-alloy IP65 pedal force load cell
• Colourless anodized
• Easy installation
• Suitable for pedal and break measurement
• Supplied with 300mm Velcro straps




Similar Part No. - L16A

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
L16A RALTRON-L16A Datasheet
32Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Similar Description - L16A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
logo
List of Unclassifed Man...
PCI-9524 ETC2-PCI-9524 Datasheet
266Kb / 2P
24-Bit Precision Load Cell Input Card
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
SparkFun Electronics
SEN-13332 SPARKFUN-SEN-13332 Datasheet
90Kb / 2P
Load Cell - 200kg, Disc (TAS606)
9??8??7
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
logo
G.M. International
D6263 GMI-D6263 Datasheet
137Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Repeater
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
logo
KISTLER INSTRUMENT CORP...
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
logo
Zemic Europe B.V.
B9C ZEMIC-B9C Datasheet
488Kb / 4P
Type B9C Load Cell
Rev6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com