Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1622009 Datasheet (PDF) - PHOENIX CONTACT

1622009 Datasheet PDF - PHOENIX CONTACT
Part # 1622009
Download  1622009 Download
File Size   659.13 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPC58A8LB3 - Cable connector

1622009 Datasheet (PDF)

Go To PDF Page Download Datasheet
1622009 Datasheet PDF - PHOENIX CONTACT

Part # 1622009
Download  1622009 Click to download

File Size   659.13 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPC58A8LB3 - Cable connector

1622009 Datasheet (HTML) - PHOENIX CONTACT


1622009 Product details

M23, Cable connector, series: SH, straight long, shielded: yes, Screw locking mechanism, No. of
pos.: 4+4+4+PE / 3+N+PE, Direction of rotation: Standard, contact connection type: Pin, Crimp
connection, cable diameter range: 9 mm ... 12 mm, coding: N, Alternative product in accordance
with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1244511

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Reduced connection time with optional SPEEDCON fast locking system
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1622009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622000 PHOENIX-1622000 Datasheet
85Kb / 7P
Cable connector - SH-8ESC58A8LB2
08/23/2016
1622002 PHOENIX-1622002 Datasheet
567Kb / 17P
SH-8ESS48A8LDL - Cable connector
1622003 PHOENIX-1622003 Datasheet
567Kb / 17P
SH-8ESS48A8LB4 - Cable connector
1622004 PHOENIX-1622004 Datasheet
562Kb / 17P
SH-8ESS48A8LB3 - Cable connector
1622005 PHOENIX-1622005 Datasheet
565Kb / 16P
SH-8ESS48A8LB2 - Cable connector
More results


Similar Description - 1622009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
Cable connector - SH-8ESC58A8LDLS
02/04/2022
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621538 PHOENIX-1621538 Datasheet
605Kb / 15P
SH-8EPS48A8LB1S - Cable connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com