Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A82C250 Datasheet (PDF) - NXP Semiconductors

A82C250 Datasheet PDF - NXP Semiconductors
Part # A82C250
Download  A82C250 Download
File Size   94.46 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CAN controller interface

A82C250 Datasheet (PDF)

Go To PDF Page Download Datasheet
A82C250 Datasheet PDF - NXP Semiconductors

Part # A82C250
Download  A82C250 Click to download

File Size   94.46 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CAN controller interface

A82C250 Datasheet (HTML) - NXP Semiconductors


A82C250 Product details

GENERAL DESCRIPTION
The PCA82C250 is the interface between the CAN protocol controller and the physical bus. The device provides differential transmit capability to the bus and differential receive capability to the CAN controller.

FEATURES
• Fully compatible with the “ISO 11898” standard
• High speed (up to 1 Mbaud)
• Bus lines protected against transients in an automotive environment
• Slope control to reduce Radio Frequency Interference (RFI)
• Differential receiver with wide common-mode range for high immunity against ElectroMagnetic Interference (EMI)
• Thermally protected
• Short-circuit proof to battery and ground
• Low-current standby mode
• An unpowered node does not disturb the bus lines
• At least 110 nodes can be connected.

APPLICATIONS
• High-speed applications (up to 1 Mbaud) in cars.




Similar Part No. - A82C250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A82C251 NXP-A82C251 Datasheet
151Kb / 16P
CAN transceiver for 24 V systems
Rev. 04-28 January 2010
More results


Similar Description - A82C250

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
logo
NXP Semiconductors
PCA82C250 NXP-PCA82C250 Datasheet
100Kb / 17P
CAN controller interface
Rev. 06-26 March 2009
logo
Microchip Technology
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
logo
NXP Semiconductors
PCA82C250N NXP-PCA82C250N Datasheet
232Kb / 18P
CAN controller interface
Rev. 06-25 August 2011
logo
Microchip Technology
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2518FD MICROCHIP-MCP2518FD Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com