Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IML-0685 Datasheet (PDF) - Murata Manufacturing Co., Ltd

IML-0685 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # IML-0685
Download  IML-0685 Download
File Size   376.84 Kbytes
Page   3 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Fresnel Lens

IML-0685 Datasheet (PDF)

Go To PDF Page Download Datasheet
IML-0685 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # IML-0685
Download  IML-0685 Click to download

File Size   376.84 Kbytes
Page   3 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Fresnel Lens

IML-0685 Datasheet (HTML) - Murata Manufacturing Co., Ltd


IML-0685 Product details

For LEAD TYPE(IRA-S Series)




Similar Part No. - IML-0685

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IML-0685 MURATA-IML-0685 Datasheet
174Kb / 2P
For LEAD TYPE
IML-0685 MURATA-IML-0685 Datasheet
183Kb / 2P
Sensor
IML-0685 MURATA-IML-0685_17 Datasheet
183Kb / 2P
Sensor
More results


Similar Description - IML-0685

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLB300RTP VCC-CLB300RTP Datasheet
82Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
CLF-280 VCC-CLF-280 Datasheet
90Kb / 1P
HEIGHT FRESNEL LENS 5MM ROUND STANDARD
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
THREADED FRESNEL LENS 5MM ROUND STANDARD
HMC-461 VCC-HMC-461 Datasheet
93Kb / 1P
10MM ROUND STANDARD FRESNEL LENS
SMS172 VCC-SMS172 Datasheet
96Kb / 1P
3MM FRESNEL LENS
logo
List of Unclassifed Man...
FRESNEL-LENS ETC-FRESNEL-LENS Datasheet
214Kb / 2P
Fresnel lens
logo
LUMEX INC.
SSI-LXH387GD-255 LUMEX-SSI-LXH387GD-255 Datasheet
87Kb / 1P
T-5mm FRESNEL LENS PANEL INDICATOR
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com