Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1779880 Datasheet (PDF) - PHOENIX CONTACT

1779880 Datasheet PDF - PHOENIX CONTACT
Part # 1779880
Download  1779880 Download
File Size   1322.28 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/ 7-ST - PCB connector

1779880 Datasheet (PDF)

Go To PDF Page Download Datasheet
1779880 Datasheet PDF - PHOENIX CONTACT

Part # 1779880
Download  1779880 Click to download

File Size   1322.28 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/ 7-ST - PCB connector

1779880 Datasheet (HTML) - PHOENIX CONTACT


1779880 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
7, number of rows: 1, number of positions: 7, number of connections: 7, product range: MSTBT
2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1779880

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1779880000 WEIDMULLER-1779880000 Datasheet
72Kb / 3P
BL-I/O 3.5/10F SW
More results


Similar Description - 1779880

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1781030 PHOENIX-1781030 Datasheet
143Kb / 10P
Printed-circuit board connector - MSTBT 2,5/ 7-ST-5,08
1779848 PHOENIX-1779848 Datasheet
151Kb / 7P
MSTBT 2,5/ 3-ST
1779851 PHOENIX-1779851 Datasheet
137Kb / 6P
MSTBT 2,5/ 4-ST
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1706337 PHOENIX-1706337 Datasheet
52Kb / 3P
MSTBT 2,5/ 3-ST YE
1779903 PHOENIX-1779903 Datasheet
149Kb / 6P
MSTBT 2,5/ 9-ST
1779974 PHOENIX-1779974 Datasheet
148Kb / 6P
MSTBT 2,5/16-ST
1926280 PHOENIX-1926280 Datasheet
91Kb / 7P
Printed-circuit board connector - MSTBT 2,5 HC/ 7-ST
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1910720 PHOENIX-1910720 Datasheet
552Kb / 13P
FKIC 2,5/ 7-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com