Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1817275 Datasheet (PDF) - PHOENIX CONTACT

1817275 Datasheet PDF - PHOENIX CONTACT
Part # 1817275
Download  1817275 Download
File Size   435.95 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/ 6-ST-3,5-LR - PCB connector

1817275 Datasheet (PDF)

Go To PDF Page Download Datasheet
1817275 Datasheet PDF - PHOENIX CONTACT

Part # 1817275
Download  1817275 Click to download

File Size   435.95 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/ 6-ST-3,5-LR - PCB connector

1817275 Datasheet (HTML) - PHOENIX CONTACT


1817275 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: FK-MCP
1,5/..-ST-LR, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: Snap-in locking,
mounting: Lock & Release ejector lever, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Quick and convenient testing using integrated test option




Similar Part No. - 1817275

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817233 PHOENIX-1817233 Datasheet
449Kb / 13P
FK-MCP 1,5/ 2-ST-3,5-LR - PCB connector
1817246 PHOENIX-1817246 Datasheet
140Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/ 3-ST-3,5-LR
1817259 PHOENIX-1817259 Datasheet
140Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/ 4-ST-3,5-LR
1817262 PHOENIX-1817262 Datasheet
140Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,5-LR
1817288 PHOENIX-1817288 Datasheet
143Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/ 7-ST-3,5-LR
More results


Similar Description - 1817275

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817356 PHOENIX-1817356 Datasheet
141Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/14-ST-3,5-LR
1939934 PHOENIX-1939934 Datasheet
796Kb / 18P
PCB connector - FK-MCP 1,5/ 4-ST-3,5
Jul 20, 2022
1939918 PHOENIX-1939918 Datasheet
784Kb / 18P
PCB connector - FK-MCP 1,5/ 2-ST-3,5
Jan 4, 2023
1939947 PHOENIX-1939947 Datasheet
714Kb / 15P
PCB connector - FK-MCP 1,5/ 5-ST-3,5
Jul 21, 2022
1939960 PHOENIX-1939960 Datasheet
728Kb / 16P
PCB connector - FK-MCP 1,5/ 7-ST-3,5
Nov 30, 2022
1939976 PHOENIX-1939976 Datasheet
757Kb / 17P
PCB connector - FK-MCP 1,5/ 9-ST-3,5
Jan 3, 2023
1939992 PHOENIX-1939992 Datasheet
728Kb / 16P
PCB connector - FK-MCP 1,5/11-ST-3,5
Jan 3, 2023
1940020 PHOENIX-1940020 Datasheet
710Kb / 16P
PCB connector - FK-MCP 1,5/14-ST-3,5
Jan 5, 2023
1940046 PHOENIX-1940046 Datasheet
710Kb / 16P
PCB connector - FK-MCP 1,5/16-ST-3,5
Jan 10, 2023
1817233 PHOENIX-1817233 Datasheet
449Kb / 13P
FK-MCP 1,5/ 2-ST-3,5-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com