Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1839198 Datasheet (PDF) - PHOENIX CONTACT

1839198 Datasheet PDF - PHOENIX CONTACT
Part # 1839198
Download  1839198 Download
File Size   507.13 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 2-HV0-2,5-SMD WH R24 - PCB header

1839198 Datasheet (PDF)

Go To PDF Page Download Datasheet
1839198 Datasheet PDF - PHOENIX CONTACT

Part # 1839198
Download  1839198 Click to download

File Size   507.13 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 2-HV0-2,5-SMD WH R24 - PCB header

1839198 Datasheet (HTML) - PHOENIX CONTACT


1839198 Product details

PCB headers, nominal cross section: 0.5 mm2, color: signal white, nominal current: 6 A, rated
voltage (III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: PTSM 0,5/..
-HV-SMD WH, pitch: 2.5 mm, mounting: SMD soldering, pin layout: Linear pad geometry,
number of solder pins per potential: 1, plug-in system: COMBICON PTSM, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: 24 mm wide tape

Your advantages
• White design: Stable color when welding and during use
• Designed for integration into the SMT soldering process
• Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting
• Additional solder anchors reduce the mechanical strain on the soldering spots
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1839198

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18391 VICOR-18391 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
More results


Similar Description - 1839198

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702473 PHOENIX-1702473 Datasheet
154Kb / 5P
PTSM 0,5/ 2-2,5-H SMD R24
1839208 PHOENIX-1839208 Datasheet
144Kb / 6P
Feed-through header - PTSM 0,5/ 3-HV0-2,5-SMD WH R44
1839211 PHOENIX-1839211 Datasheet
139Kb / 6P
Feed-through header - PTSM 0,5/ 4-HV0-2,5-SMD WH R44
1839224 PHOENIX-1839224 Datasheet
144Kb / 6P
Feed-through header - PTSM 0,5/ 5-HV0-2,5-SMD WH R44
1839237 PHOENIX-1839237 Datasheet
139Kb / 6P
Feed-through header - PTSM 0,5/ 6-HV0-2,5-SMD WH R44
1839321 PHOENIX-1839321 Datasheet
132Kb / 6P
Feed-through header - PTSM 0,5/ 8-HV0-2,5-SMD WH R44
1778696 PHOENIX-1778696 Datasheet
61Kb / 3P
Header - PTSM 0,5/ 2-HV-2,5-SMD WH R24
1814650 PHOENIX-1814650 Datasheet
83Kb / 5P
PCB terminal block - PTSM 0,5/ 4-2,5-H SMD WH R24
1814634 PHOENIX-1814634 Datasheet
83Kb / 5P
PCB terminal block - PTSM 0,5/ 2-2,5-H SMD WH R24
1830126 PHOENIX-1830126 Datasheet
61Kb / 3P
Header - PTSM 0,5/ 2-HTB-2,5-SMD WH R24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com