Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811T Datasheet (PDF) - List of Unclassifed Manufacturers

DF6811T Datasheet PDF - List of Unclassifed Manufacturers
Part # DF6811T
Download  DF6811T Download
File Size   1363.71 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Voltage Linear LED Driver

DF6811T Datasheet (PDF)

Go To PDF Page Download Datasheet
DF6811T Datasheet PDF - List of Unclassifed Manufacturers

Part # DF6811T
Download  DF6811T Click to download

File Size   1363.71 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Voltage Linear LED Driver

DF6811T Datasheet (HTML) - List of Unclassifed Manufacturers


DF6811T Product details

Description
DF6811T is a high current precision Linear LED
Driver , integrated with High Voltage
regulation switchers and JFET supply, specially
designed for AC line LED strings forwarded with
high voltage and low current.
In application, it supports a quite small BOM
benefit from no ECAP and no Magnetics, compile
with EMI and safety standard.
DF6811T can drive precision constant current by
option of an external resistor, and set up the
LED strings in group linear compile with THD
performance. Typical 40mA LED current is optimized
for 220V line voltage.

Features
◆ High integration,all SMTs in small size.
◆ No ECAPs and magnetics
◆ Integrated with 500V HV MOS, saved on safety
components.
◆ Fast startup
◆ LED current set by external resistors with ±5%
accuracy.
◆ On chip thermal regulation.
◆ Compensation for line regulation
◆ In TO252-3 package.
Application
◆ GU10/E27 LED retrofit lamps
◆ LED candle
◆ Other LED lighting




Similar Part No. - DF6811T

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
More results


Similar Description - DF6811T

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP5131D BPS-BP5131D Datasheet
163Kb / 2P
High Voltage Linear LED Driver
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxic Technology Corpor...
MT7606 MAXIC-MT7606 Datasheet
151Kb / 1P
High Voltage Linear LED Driver
logo
Bright Power Semiconduc...
BP5116DJ BPS-BP5116DJ Datasheet
496Kb / 2P
High Voltage Linear LED Driver
BP5131HC BPS-BP5131HC Datasheet
494Kb / 2P
High Voltage Linear LED Driver
BP5131JC BPS-BP5131JC Datasheet
326Kb / 2P
High Voltage Linear LED Driver
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
BP5151DJ BPS-BP5151DJ Datasheet
175Kb / 1P
High Voltage Linear LED Driver
BP5151HC BPS-BP5151HC Datasheet
497Kb / 2P
High Voltage Linear LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com