Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008701 Datasheet (PDF) - Turck, Inc.

1008701 Datasheet PDF - Turck, Inc.
Part # 1008701
Download  1008701 Download
File Size   195.34 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Switching Distance

1008701 Datasheet (PDF)

Go To PDF Page Download Datasheet
1008701 Datasheet PDF - Turck, Inc.

Part # 1008701
Download  1008701 Click to download

File Size   195.34 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Switching Distance

1008701 Datasheet (HTML) - Turck, Inc.


1008701 Product details

Features
■Rectangular, height 40 mm
■Active face on top
■Plastic, PBT‐GF30‐V0
■Large coverage
■DC 2-wire, nom. 8.2 VDC
■Output acc. to DIN EN 60947-5-6 (NAMUR)
■Cable connection
■ATEX category II 2 G, Ex Zone 1
■ATEX category II 1 D, Ex Zone 20
■SIL 2 (Low Demand Mode) acc. to IEC
61508, PL c acc. to ISO 13849-1 at HFT0
■SIL 3 (All Demand Mode) acc. to IEC 61508,
PL e acc. to ISO 13849-1 with redundant
configuration HFT1
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this, they use a
high-frequency electromagnetic AC field that
interacts with the target. Inductive sensors
generate this field via an RLC circuit with a
ferrite coil.




Similar Part No. - 1008701

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1008700 TURCK-1008700 Datasheet
240Kb / 4P
Inductive Sensor
11/07/2023
More results


Similar Description - 1008701

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Molex Electronics Ltd.
1202530061 MOLEX-1202530061 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530065 MOLEX-1202530065 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530069 MOLEX-1202530069 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530070 MOLEX-1202530070 Datasheet
41Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530071 MOLEX-1202530071 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530074 MOLEX-1202530074 Datasheet
42Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance, Quasiembeddable
1202530075 MOLEX-1202530075 Datasheet
42Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance, Quasiembeddable
1202530083 MOLEX-1202530083 Datasheet
42Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 40mm Operating Distance, Nonembeddable
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com