Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1858992 Datasheet (PDF) - PHOENIX CONTACT

1858992 Datasheet PDF - PHOENIX CONTACT
Part # 1858992
Download  1858992 Download
File Size   385.26 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/ 3-GF-7,62 - PCB header

1858992 Datasheet (PDF)

Go To PDF Page Download Datasheet
1858992 Datasheet PDF - PHOENIX CONTACT

Part # 1858992
Download  1858992 Click to download

File Size   385.26 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5/ 3-GF-7,62 - PCB header

1858992 Datasheet (HTML) - PHOENIX CONTACT


1858992 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: GIC 2,5/..-
GF, pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 2, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements




Similar Part No. - 1858992

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1858905 PHOENIX-1858905 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 5-STF-7,62
logo
Festo Corporation.
185891 FESTO-185891 Datasheet
78Kb / 1P
One-way flow control valve
logo
PHOENIX CONTACT
1858918 PHOENIX-1858918 Datasheet
146Kb / 4P
GIC 2,5/ 6-GF-7,62
1858921 PHOENIX-1858921 Datasheet
77Kb / 5P
Printed-circuit board connector - GIC 2,5/ 7-STF-7,62
1858934 PHOENIX-1858934 Datasheet
74Kb / 5P
Printed-circuit board connector - GIC 2,5/ 8-STF-7,62
More results


Similar Description - 1858992

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1859069 PHOENIX-1859069 Datasheet
79Kb / 5P
Base strip - GIC 2,5/10-GF-7,62
1859027 PHOENIX-1859027 Datasheet
146Kb / 4P
GIC 2,5/ 6-GF-7,62
1859085 PHOENIX-1859085 Datasheet
79Kb / 5P
Base strip - GIC 2,5/12-GF-7,62
1859001 PHOENIX-1859001 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 4-GF-7,62
1859043 PHOENIX-1859043 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 8-GF-7,62
1859056 PHOENIX-1859056 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 9-GF-7,62
1938922 PHOENIX-1938922 Datasheet
57Kb / 4P
Printed-circuit board connector - GIC 2,5/ 3-GF-7,62 BK
1828692 PHOENIX-1828692 Datasheet
1,000Kb / 17P
PCB header - GIC 2,5/ 4-G-7,62
Jan 4, 2023
1745784 PHOENIX-1745784 Datasheet
368Kb / 11P
PCB header - GIC 2,5 HC/ 2-G-7,62
1858882 PHOENIX-1858882 Datasheet
561Kb / 14P
GIC 2,5/ 3-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com