Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1635331 Datasheet (PDF) - Turck, Inc.

1635331 Datasheet PDF - Turck, Inc.
Part # 1635331
Download  1635331 Download
File Size   1308.45 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Extended Switching Distance

1635331 Datasheet (PDF)

Go To PDF Page Download Datasheet
1635331 Datasheet PDF - Turck, Inc.

Part # 1635331
Download  1635331 Click to download

File Size   1308.45 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Extended Switching Distance

1635331 Datasheet (HTML) - Turck, Inc.


1635331 Product details

Features
■Threaded barrel, M18 x 1
■Chrome-plated brass
■Factor 1 for all metals
■Protection class IP68
■Resistant to magnetic fields
■Large switching distance
■Integrated protection against predamping
■Little metal-free spaces
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■M12 x 1 male connector
Functional principle
Inductive sensors are designed for wear-free
and contactless detection of metal objects.
uprox+ sensors have significant advantages
due to their patented multi-coil system. They
excel thanks to their optimum switching
distances, maximum flexibility and operational
reliability as well as efficient standardization.




Similar Part No. - 1635331

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1635330 TURCK-1635330 Datasheet
472Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
1635332 TURCK-1635332 Datasheet
457Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
16353331 TURCK-16353331 Datasheet
421Kb / 3P
Inductive Sensor – With WeldGuard™ Coating
11/07/2023
1635334 TURCK-1635334 Datasheet
473Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
1635335 TURCK-1635335 Datasheet
1Mb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
More results


Similar Description - 1635331

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Molex Electronics Ltd.
1202530061 MOLEX-1202530061 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530065 MOLEX-1202530065 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530069 MOLEX-1202530069 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530070 MOLEX-1202530070 Datasheet
41Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530071 MOLEX-1202530071 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530074 MOLEX-1202530074 Datasheet
42Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance, Quasiembeddable
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com