Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC211-010 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

HMC211-010 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # HMC211-010
Download  HMC211-010 Download
File Size   210.16 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers HMC 211-010 and HMC 211-012

HMC211-010 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC211-010 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # HMC211-010
Download  HMC211-010 Click to download

File Size   210.16 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers HMC 211-010 and HMC 211-012

HMC211-010 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


HMC211-010 Product details

Features
• User-programmable with PLUS+1
®
GUIDE (Graphical User Integrated
Development Environment)
• 32 bit fixed-point DSP running at 150
MHz
• 12 bit analog-to-digital resolution
• IP 69K housing with the following
human machine interfaces:
‒ 1 non-contact push button switch
(digital input)
‒ 1 stepless non-contacting rotary
switch (analog input)
‒ 1 dual color (yellow/red) LED
• 9 to 36 Vdc supply power
• 1 CAN 2.0B port. The fixed range analog
(AIN/ CANShield) pin may be configured
as a shield pin
• 5 Vdc power supply for external sensors
rated at 70 mA, monitored and
regulated internally
• 18-pin DEUTSCH DT16-18S connector
• HMC 211-012 contains application key
required to run Danfoss developed
machine control application software
• CE compliant




Similar Part No. - HMC211-010

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC210MS8 HITTITE-HMC210MS8 Datasheet
200Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8 Datasheet
338Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC210MS8 HITTITE-HMC210MS8_06 Datasheet
338Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
HMC213AMS8 HITTITE-HMC213AMS8 Datasheet
737Kb / 6P
GaAs MMIC SMT Double-Ba lanced Mixer, 1.5 - 4.5 GHz
logo
Analog Devices
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
More results


Similar Description - HMC211-010

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444 Datasheet
57Kb / 1P
211 MHz Bandpass Filter
logo
Rohm
SML-211UTT86K ROHM-SML-211UTT86K Datasheet
116Kb / 3P
SML-211 Series
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444_15 Datasheet
422Kb / 6P
211 MHz SAW Filter
856378 TRIQUINT-856378_15 Datasheet
455Kb / 5P
211 MHz SAW Filter
logo
PHOENIX CONTACT
2701452 PHOENIX-2701452 Datasheet
73Kb / 7P
Touch panel - TP 07T/M 211
2701844 PHOENIX-2701844 Datasheet
75Kb / 7P
Touch panel - TP 12T/M 211
2701845 PHOENIX-2701845 Datasheet
75Kb / 7P
Touch panel - TP 15T/M 211
logo
List of Unclassifed Man...
211 ETC-211 Datasheet
41Kb / 2P
Shuguang Vacuum Tube 211
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com