Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11062251 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

11062251 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # 11062251
Download  11062251 Download
File Size   247.29 Kbytes
Page   2 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1 Expansion Module

11062251 Datasheet (PDF)

Go To PDF Page Download Datasheet
11062251 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # 11062251
Download  11062251 Click to download

File Size   247.29 Kbytes
Page   2 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1 Expansion Module

11062251 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


11062251 Product details

Features
• 24 pins: (2) individually keyed DEUTSCH
DTM 12 pin connectors
• 9 to 36 Vdc power supply, monitored
internally
• 1 CAN 2.0B port, the fixed range analog
input can be configured as the shield
pin
• 3 mounting alternatives: stack, end , or
side
• CE compliant
• 8 inputs: (5) universal (DIN/AIN/FreqIN)
that the user can define as either:
Analog: with configurable ranges 0 to
5.25 Vdc or 0 to 36 Vdc; Digital: pull up
(5 Vdc), pull down (0 Vdc) or pull to
center (2.5 Vdc); Frequency (timing): 1 Hz
to 10 kHz
• (2) digital (DIN) configurable as pull up
(5 Vdc), pull down (0 Vdc)
• (1) fixed-range analog (AIN/CAN shield)
0 to 5.25 Vdc or CANshield pin
• 8 outputs: (8) universal (PWMOUT/
DOUT/PVGOUT) that the user can define
as either: Digital: (3 A), configurable as
source or sink; PWM: (30 to 4000 Hz),
configurable as open or closed loop
with current control; Analog voltage:
open loop PWM at 4000 Hz
• Any PWMOUT/DOUT/PVGOUT can be
used to provide reference power to one
PVG valve
• Power supply for external sensors rated
at 5 Vdc to 200 mA and regulated
internally




Similar Part No. - 11062251

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1106225 MACOM-1106225 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 11062251

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
NEM-4134 JDSU-NEM-4134 Datasheet
148Kb / 3P
Network Expansion Module
logo
Advantech Co., Ltd.
BAS-3018 ADVANTECH-BAS-3018 Datasheet
531Kb / 1P
8-ch UI Expansion Module
logo
List of Unclassifed Man...
VL-EPM-P2 ETC2-VL-EPM-P2 Datasheet
581Kb / 2P
The VL-EPM-P2 expansion module provides dual Mini PCIe socket expansion for any PC/104-Plus embedded system.
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
PC/104-Plus Video Expansion Module
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
PC/104-Plus Video Expansion Module
logo
Axiomtek Co., Ltd.
AX12260 AXIOMTEK-AX12260_16 Datasheet
220Kb / 1P
AMD LX PC/104 CPU Module with VGA/ TTL, USB DoM and PC/104-Plus Expansion
AX12260 AXIOMTEK-AX12260_17 Datasheet
217Kb / 1P
AMD LX PC/104 CPU Module with VGA/TTL, USB DoM and PC/104-Plus Expansion
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
Expansion module with a universal PCI expansion slot
logo
Advantech Co., Ltd.
I-MODULE ADVANTECH-I-MODULE Datasheet
1Mb / 3P
Expansion Module for MIC-7000 Series
11-Apr-2018
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com