Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10104136 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

10104136 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # 10104136
Download  10104136 Download
File Size   216.29 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers

10104136 Datasheet (PDF)

Go To PDF Page Download Datasheet
10104136 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # 10104136
Download  10104136 Click to download

File Size   216.29 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers

10104136 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


10104136 Product details

Features
• User-programmable with PLUS+1
®
GUIDE (Graphical User Integrated
Development Environment)
• ARM 32 bit Cortex-M3 running at 120
MHz
‒ 12 bit analog-to-digital converter
‒ 16 bit timers/counters
• FRAM non-volatile memory
• 12 pin DEUTSCH DTM connector
• 9 to 36 Vdc power supply, monitored
internally
• 1 CAN 2.0B port, the fixed range analog
input can be configured as the shield
pin
• Power supply for external sensors rated
at 5 Vdc to 100 mA and regulated
internally
• 2 LEDs under user control
• 3 mounting alternatives: stack, end , or
side
• The MC012-112 controller contains the
application key required to run Danfoss
developed machine control application
software
• CE compliant




Similar Part No. - 10104136

ManufacturerPart #DatasheetDescription
logo
DANFOSS POWER SOLUTIONS
10104136 DANFOSS-10104136 Datasheet
194Kb / 2P
PLUS1 Expansion Module
March 2021
10104136 DANFOSS-10104136 Datasheet
247Kb / 2P
PLUS1 Expansion Module
Dec 2016
10104136 DANFOSS-10104136 Datasheet
231Kb / 2P
PLUS1 Expansion Module
May 2018
10104136 DANFOSS-10104136 Datasheet
210Kb / 2P
PLUS1 Expansion Module
Aug 2016
10104136 DANFOSS-10104136 Datasheet
177Kb / 2P
PLUS1® Controllers MC024-120 and MC024-122
Rev BB Apr 2014
More results


Similar Description - 10104136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
logo
Kendall Howard
7000-3-536-00 KENDALLHOWARD-7000-3-536-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-548-00 KENDALLHOWARD-7000-3-548-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-560-00 KENDALLHOWARD-7000-3-560-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
11139500 LAPP-11139500 Datasheet
87Kb / 2P
UNITRONIC® FD CP (TP) plus A
2021-12-17
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
53112500 LAPP-53112500 Datasheet
134Kb / 2P
SKINTOP® MS- M BRUSH 75 plus / 90 / 110 plus
17.12.2020
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com