Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11131280 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

11131280 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # 11131280
Download  11131280 Download
File Size   177.66 Kbytes
Page   2 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers MC024-120 and MC024-122

11131280 Datasheet (PDF)

Go To PDF Page Download Datasheet
11131280 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # 11131280
Download  11131280 Click to download

File Size   177.66 Kbytes
Page   2 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers MC024-120 and MC024-122

11131280 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


11131280 Product details

Features
* User-programmable with PLUS+1 GUIDE
(Graphical User Integrated Development
Environment)
* 24 pins: (2) individually keyed Deutsch® DTM
12 pin connectors
* ARM 32 bit Cortex-M3 running at 120 MHz
– 12 bit analog-to-digital converter
– 16 bit timers/counters
* FRAM non-volatile memory
* 8 inputs
– (5) universal (DIN/AIN/FreqIN) that are
user-defined as either:
Analog: with configurable ranges
0 to 5.25 Vdc (with over range protection)
or 0 to 36 Vdc;
Digital: pull up (5 Vdc), pull down (0 Vdc) or
pull to center (2.5 Vdc);
Frequency (timing): 1 Hz to 10 kHz
– (2) digital (DIN) configurable as pull up
(5 Vdc), pull down (0 Vdc)
– (1) fixed range analog (AIN/CAN shield)
0 to 5.25 Vdc or CAN shield pin
* 8 outputs
– (8) universal (PWMOUT/DOUT/PVGOUT)
that are user-defined as either:
Digital: (3 A), configurable as source or
sink;
PWM: (30 to 4000 Hz), configurable as
open or closed loop with current control;
Analog voltage: open loop PWM at 4000 Hz
– Any PWMOUT/DOUT/PVGOUT can be used
to provide reference power to one PVG
valve
* 9 to 36 Vdc power supply, monitored internally
* 1 CAN 2.0 B port, the fixed range analog input
can be configured as the shield pin
* Power supply for external sensors rated at
5 Vdc to 200 mA and regulated internally
* 2 LEDs under user control
* 3 mounting alternatives: stack, end, or side
* MC024-122 contains application key required
to run Danfoss developed machine control
application software
* CE compliant




Similar Part No. - 11131280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1113128 MACOM-1113128 Datasheet
5Mb / 85P
tyco electronics contents
logo
PHOENIX CONTACT
1113128 PHOENIX-1113128 Datasheet
830Kb / 12P
SOL-SC-6ST-0-DC-1MPPT-1010 - String combiner box (SCB)
More results


Similar Description - 11131280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
logo
Kendall Howard
7000-3-536-00 KENDALLHOWARD-7000-3-536-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-548-00 KENDALLHOWARD-7000-3-548-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-560-00 KENDALLHOWARD-7000-3-560-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
11139500 LAPP-11139500 Datasheet
87Kb / 2P
UNITRONIC® FD CP (TP) plus A
2021-12-17
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
53112500 LAPP-53112500 Datasheet
134Kb / 2P
SKINTOP® MS- M BRUSH 75 plus / 90 / 110 plus
17.12.2020
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com