Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11076594 Datasheet (PDF) - DANFOSS POWER SOLUTIONS

11076594 Datasheet PDF - DANFOSS POWER SOLUTIONS
Part # 11076594
Download  11076594 Download
File Size   331.16 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers MC038-010 and MC038-012

11076594 Datasheet (PDF)

Go To PDF Page Download Datasheet
11076594 Datasheet PDF - DANFOSS POWER SOLUTIONS

Part # 11076594
Download  11076594 Click to download

File Size   331.16 Kbytes
Page   4 Pages
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS
Description PLUS1® Controllers MC038-010 and MC038-012

11076594 Datasheet (HTML) - DANFOSS POWER SOLUTIONS


11076594 Product details

Features
• User-programmable with PLUS+1
®
GUIDE
• Support of unlimited read-write FRAM,
2MB flash vault memory
• 38 pins: (1) DEUTSCH DRC connector
• 32 bit fixed-point DSP running at 150
MHz
• 12 bit analog-to-digital converter
• 15 inputs
• 13 outputs
• 9 to 36 VDC power supply, monitored
internally
• 2 CAN 2.0 B ports, the fixed range
analog input can be configured as the
shield pin
• 1 independent ECU power supply, 6 VDC
to 36 VDC, and regulated internally
• 3 independent power supplies for
powering output pins, 9 to 36 VDC
• 1 CAN 2.0B port. The fixed range analog
(AIN/CAN Shield) pin may be configured
as a shield pin
• 5 VDC power supply for external sensors
rated at 150 mA, monitored and
regulated internally
• 2 LEDs under application software
control
• CE compliant




Similar Part No. - 11076594

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1107659 MACOM-1107659 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 11076594

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
logo
Molex Electronics Ltd.
0354089202 MOLEX4-0354089202 Datasheet
89Kb / 2P
2.28mm (.090") Tab Terminal, 0.30mm (.012") Thickness, 2.0 AVSS, 0.25mm (.010")Thickness, Pre-Tin Plated
0354089502 MOLEX4-0354089502 Datasheet
89Kb / 2P
2.28mm (.090") Tab Terminal, 0.30mm (.012") Thickness, 0.85-1.25 AVSS, 0.25mm(.010") Thickness, Pre-Tin Plated
logo
Kendall Howard
7000-3-536-00 KENDALLHOWARD-7000-3-536-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-548-00 KENDALLHOWARD-7000-3-548-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
7000-3-560-00 KENDALLHOWARD-7000-3-560-00 Datasheet
327Kb / 1P
PERFORMANCE PLUS® ACCESSORY BARS
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com