Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC110N12NM6 Datasheet (PDF) - Infineon Technologies AG

ISC110N12NM6 Datasheet PDF - Infineon Technologies AG
Part # ISC110N12NM6
Download  ISC110N12NM6 Download
File Size   1252.8 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 120 V

ISC110N12NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC110N12NM6 Datasheet PDF - Infineon Technologies AG

Part # ISC110N12NM6
Download  ISC110N12NM6 Click to download

File Size   1252.8 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 120 V

ISC110N12NM6 Datasheet (HTML) - Infineon Technologies AG


ISC110N12NM6 Product details

Features
• N-channel, normal level
• Very low on-resistance RDS(on)
• Excellent gate charge x RDS(on) product (FOM)
• Very low reverse recovery charge (Qrr)
• High avalanche energy rating
• 175°C operating temperature
• Optimized for high frequency switching and synchronous rectification
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• MSL 1 classified according to J-STD-020




Similar Part No. - ISC110N12NM6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
logo
Infineon Technologies A...
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
logo
Inchange Semiconductor ...
ISC10F150S ISC-ISC10F150S Datasheet
298Kb / 2P
Damper diode
More results


Similar Description - ISC110N12NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT017N12NM6 INFINEON-IPT017N12NM6 Datasheet
962Kb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-06
IPTC017N12NM6 INFINEON-IPTC017N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.1, 2022-12-13
ISC030N12NM6 INFINEON-ISC030N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-02
ISC037N12NM6 INFINEON-ISC037N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC073N12LM6 INFINEON-ISC073N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ330N12LM6 INFINEON-ISZ330N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
IPF019N12NM6 INFINEON-IPF019N12NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-02-03
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com